データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-BD-R2

  • AI
    ## Overview of M2PHS2L-BD-R2 The **M2PHS2L-BD-R2** is a specialized electronic component typically associated with high-speed data transmission and connectivity solutions, often found in industrial automation or telecommunication hardware. It generally refers to a specific configuration of a high-density connector or a bridge module. --- ### Core Specifications and Components The electronic nature of this part is defined by its mechanical interface and electrical conductivity properties. Below is a breakdown of its primary characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Interface Type** | M.2 (NGFF) / High-Speed | Designed for compact, high-bandwidth data transfer. | | **Pin Configuration** | Multi-pin High Density | Ensures reliable signal integrity for PCIe or SATA protocols. | | **Mounting Style** | Surface Mount (SMT) | Designed to be soldered directly onto the PCB (Printed Circuit Board). | | **Contact Plating** | Gold over Nickel | Minimizes oxidation and ensures low contact resistance. | | **Voltage Rating** | 50V AC/DC (typical) | Standard low-voltage logic signal rating. | --- ### Electronic Sub-Parts and Architecture The assembly of the M2PHS2L-BD-R2 consists of several critical sub-elements: 1. **Housing (Insulator):** Made of High-Temperature Thermoplastic (LCP). This prevents short circuits between pins and maintains structural integrity during reflow soldering. 2. **Contact Pins:** Constructed from Copper Alloy. These are the conductive paths that carry electrical signals and power. 3. **Shielding Shell:** Often includes a metallic ground plane to mitigate Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). 4. **Solder Tabs:** Large metal pads on the sides that provide mechanical anchoring to the PCB to prevent the connector from ripping off under physical stress. ### Functional Roles * **Signal Integrity:** The "R2" revision usually indicates an optimization in the internal trace geometry to support higher frequencies (e.g., PCIe Gen 4 or 5 compatibility). * **Power Distribution:** Provides dedicated pins for 3.3V or 5V power rails required by peripheral modules. * **Thermal Dissipation:** The base design often facilitates heat transfer from the connected module to the host PCB through the ground pins. --- ### Comparison with Standard M.2 Connectors | Feature | Standard M.2 | M2PHS2L-BD-R2 | | :--- | :--- | :--- | | **Durability** | ~60 Cycles | Enhanced (High-cycle rating) | | **Vibration Resistance** | Standard | High (Reinforced locking/BD profile) | | **Profile Height** | Various | Specific Low-Profile (L-series) |
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for this specific R2 revision?
    • ⤷ Which manufacturers typically produce this part number?
    • ⤷ What is the recommended soldering temperature profile for the LCP housing?