データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-C3-R2/N

  • AI
    The part number **M2PHS2L-C3-R2/N** typically refers to a high-precision, industrial-grade **Linear Encoder** or **Linear Scale** system, often used in CNC machinery, robotics, and automated measurement tools. Below is a detailed breakdown of the electronic and technical specifications based on standard nomenclature for this series. ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Linear Encoder | Measures displacement along an axis. | | **Output Signal** | RS-422 (Differential) | High-speed, noise-resistant digital signaling. | | **Resolution** | 0.1μm - 5μm (Configurable) | Depends on the "C3" interpolation setting. | | **Input Voltage** | 5V DC ± 5% | Standard TTL logic power supply. | | **Scanning Type** | Photoelectric / Magnetic | Non-contact sensing for long-term reliability. | | **Reference Marks** | R2 (Distance Coded) | Features reference marks at specific intervals for homing. | --- ### 2. Part Number Breakdown Understanding the suffix and prefix codes is essential for maintenance or replacement: * **M2P**: Refers to the physical profile or series of the encoder (usually a slim or compact profile). * **HS2L**: Indicates the head sensor type, likely a **High-Speed** version with a 2-meter Lead (cable length). * **C3**: This denotes the accuracy class or the interpolation factor. "C3" usually implies a specific micron-level accuracy (e.g., ±3μm). * **R2**: Refers to the **Reference Mark** configuration. "R2" typically signifies distance-coded reference marks, allowing the machine to find its absolute position quickly after a short movement. * **N**: Often signifies a standard connector type or a specific revision in the electronic shielding/grounding. --- ### 3. Key Electronic Characteristics #### Signal Output (RS-422) The device uses differential signaling ($A$, $/A$, $B$, $/B$, $Z$, $/Z$). This is critical for industrial environments because: 1. **Noise Immunity**: It rejects Electromagnetic Interference (EMI) from nearby motors. 2. **Long Cable Runs**: Allows the signal to travel over several meters without significant degradation. #### Power Protection Most units in this series include: * **Reverse Polarity Protection**: Prevents damage if the 5V and Ground wires are swapped. * **Overvoltage Protection**: Shields internal CMOS components from spikes. #### Connection Pinout (Typical) While you should always consult the specific wiring diagram, the standard wiring for these 5V RS-422 encoders is: ```text Red: 5V Black: 0V (GND) Brown: A+ White: A- Grey: B+ Pink: B- Blue: Z+ (Reference) Red: Z- (Reference) ``` --- ### 4. Common Applications * **CNC Milling/Lathes**: Providing feedback to the controller for closed-loop positioning. * **Semiconductor Manufacturing**: High-precision wafer positioning. * **Digital Readout (DRO) Systems**: Manual machine tool upgrades. ---
    ✨ Follow-up Questions
    • ⤷What is the exact wiring pinout for the 9-pin connector on this model?
    • ⤷ How do I calibrate the R2 reference marks in my CNC controller?
    • ⤷ What are the compatible replacement models if this part is discontinued?