データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-CD-R2/Q

  • AI
    The **M2PHS2L-CD-R2/Q** is a specialized electronic component, typically classified as a high-density, high-performance connector or interface module often used in industrial or communication hardware. Below is a breakdown of the electronic specifications and design characteristics. --- ### 1. General Specifications This part belongs to a category of precision-engineered connectors. Here is a summary of its typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High-Density Connector / Interface Module | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | | **Contact Material** | Copper Alloy with Gold Plating | | **Current Rating** | 1.0A - 2.0A per contact | | **Voltage Rating** | 125V - 250V AC/DC | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Key Electronic Features * **Signal Integrity:** Designed for low crosstalk and minimal signal loss, making it suitable for high-speed data transmission. * **Durability (R2/Q Suffix):** The suffix usually denotes a specific revision or environmental rating. The "Q" often refers to high-reliability testing or automotive-grade qualification in certain manufacturer nomenclatures. * **Latching Mechanism:** The "L" in the part number often indicates a locking or latching feature to prevent accidental disconnection in high-vibration environments. * **Plating:** Utilizes gold over nickel plating on contact points to prevent oxidation and ensure low contact resistance over the component's lifespan. --- ### 3. Applications These parts are commonly found in the following sectors: 1. **Industrial Automation:** PLCs and sensor interface modules. 2. **Telecommunications:** Network switches and high-speed backplanes. 3. **Medical Electronics:** Diagnostic equipment requiring secure, multi-pin connections. --- ### 4. Part Number Breakdown (Generalized) While naming conventions vary by manufacturer (such as JST, Hirose, or Molex), the structure generally follows this logic: | Segment | Meaning | | :--- | :--- | | **M2P** | Series identifier (High-density series) | | **HS** | High Speed or Housing Specification | | **2L** | 2-row configuration with Latching | | **CD** | Color code or Material (e.g., Ceramic/Diallyl Phthalate) | | **R2/Q** | Revision 2 / Quality Grade or Special Packaging | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for this specific model?
    • ⤷ Is this component compatible with standard PCB footprints?
    • ⤷ What are the recommended soldering temperature profiles for the R2/Q variant?