データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-154-R

  • AI
    The **M2PHS2W-154-R** is a specific electronic component typically categorized as a **High-Frequency Wire-Wound Chip Inductor** (often used in RF and power management circuits). This part number is characteristic of manufacturers like *Delta Electronics* or similar magnetic component specialists. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 150 µH (Microhenries) | Indicated by the "154" code (15 + 4 zeros in nH, or 150 µH). | | **Tolerance** | ±10% or ±20% | Standard deviation from the nominal inductance value. | | **Rated Current** | 1.0A - 2.5A | The maximum DC current the inductor can handle before saturation. | | **DC Resistance (DCR)** | Low (mΩ range) | Measures the energy loss due to the copper wire resistance. | | **Package Size** | SMD (Surface Mount) | Designed for automated PCB assembly. | --- ### 2. Physical Construction * **Core Material:** Usually a Ferrite or Metal Alloy core. Ferrite provides high permeability, while metal alloys offer better saturation characteristics for high-current applications. * **Winding:** Precision-wound copper wire around the core. * **Termination:** Tin-plated (Matte Sn) terminals for RoHS compliance and easy soldering. * **Shielding:** Typically a **Shielded** design (indicated by the "S" or "W" in many series) to minimize Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Application Use Cases This component is used in electronic circuits where energy storage or noise filtering is required: 1. **DC-DC Converters:** Acts as the primary energy storage element in buck or boost regulators. 2. **Noise Suppression:** Used in power lines to filter out high-frequency ripples and electromagnetic noise. 3. **Consumer Electronics:** Found in laptops, tablets, and LED drivers where space is limited but high efficiency is required. 4. **RF Circuits:** Used in the matching networks of communication devices to manage signal impedance. --- ### 4. Part Number Breakdown (General Template) | Segment | Meaning | | :--- | :--- | | **M2P** | Series Series (e.g., Miniature Power Inductor) | | **HS/2W** | Construction type (High Speed / Wire-wound / Shielded) | | **154** | Value Code: $15 \times 10^4$ nH = 150,000 nH = **150 µH** | | **R** | Packaging (Tape & Reel) or RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this inductor?
    • ⤷ Can you provide a circuit diagram example for a DC-DC converter using this part?
    • ⤷ What are the footprint dimensions for the M2PHS2W series?