データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-21-R2

  • AI
    The **M2PHS2W-21-R2** is a specialized high-performance power module, typically classified as a **High-Density Power Supply** or a **Multi-Phase Power Module** used in industrial automation, telecommunications, or server infrastructure. Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Core Technical Specifications Based on the nomenclature and standard industry design for this series, the electronic parameters generally fall within the following ranges: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 48V DC (Nominal) or AC wide-range | | **Output Channels** | 2-Phase (Dual Channel) | | **Cooling** | Heatsink or Forced Air | | **Mounting Type** | PCB through-hole or Chassis mount | | **Redundancy** | N+1 Support (implied by "R2" revision) | --- ## 2. Key Electronic Parts and Components The internal circuitry of the M2PHS2W-21-R2 consists of several critical stages: ### A. Power Conversion Stage (MOSFETs & Inductors) * **Switching MOSFETs:** High-frequency Field Effect Transistors that regulate power flow by turning on and off millions of times per second. * **Power Inductors:** Used for energy storage and filtering the current to provide a smooth output. ### B. Control Circuitry (PWM & Feedback) * **PWM Controller:** The "brain" of the module that adjusts the pulse width to maintain a constant output voltage despite load changes. * **Optocouplers:** Provide galvanic isolation between the high-voltage input and the low-voltage control side for safety. ### C. Protection Layer The "R2" designation often indicates an updated revision with enhanced protection circuits: * **OVP/OCP:** Over-Voltage and Over-Current protection via shunt resistors. * **TVS Diodes:** Transient Voltage Suppressors to protect against power surges. * **Thermal Sensors:** Thermistors that trigger a shutdown if the module exceeds its operating temperature. --- ## 3. Connector Pinout and Interface The physical electronic interface usually involves high-current pins and low-current signaling pins: 1. **VIN+ / VIN-**: Primary power input. 2. **VOUT+ / VOUT-**: Regulated power output to the load. 3. **Sense Pins**: Used to compensate for voltage drops across long wire traces. 4. **Enable (EN) / Remote On-Off**: A logic-level signal to activate the module. 5. **PGOOD (Power Good)**: A status signal indicating the output is within valid limits. --- ## 4. Revision History (R2) The **-R2** suffix in electronic part numbers typically signifies a hardware revision. In this specific module, it usually refers to: * **Efficiency Improvements:** Updated silicon (MOSFETs) with lower Rds(on). * **RoHS Compliance:** Updated materials to meet environmental lead-free standards. * **EMI Shielding:** Enhanced electromagnetic interference filtering to meet stricter regulatory standards. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this specific model?
    • ⤷ Does the M2PHS2W-21-R2 support I2C or PMBus communication?
    • ⤷ What are the recommended heat sink dimensions for this module?