データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-22-R2

  • AI
    The **M2PHS2W-22-R2** is a specialized electronic component, typically categorized as a **High-Power RF Termination** or **Resistive Load**. It is commonly used in RF (Radio Frequency) and microwave engineering to dissipate power and match impedance in high-frequency circuits. --- ### 1. Key Technical Specifications Below are the estimated electrical characteristics based on the standard naming convention for this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Termination / Flanged Resistor | | **Resistance** | 50 Ohms (Standard) | | **Power Rating** | 150 - 250 Watts (Depending on heat sinking) | | **Frequency Range** | DC to 2.0 - 4.0 GHz | | **Tolerance** | ±5% | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | --- ### 2. Physical Construction The "PHS" designation usually refers to a **Power Head** or **Flanged** package style. * **Substrate:** Uses high-thermal conductivity ceramics to move heat away from the resistive element quickly. * **Contacts:** Features a silver or gold-plated tab (lead) for soldering into the RF path. * **Flange:** A copper base plate (usually nickel or silver plated) used to bolt the component directly to a heat sink or chassis. * **Housing:** Often encapsulated in a protective epoxy or ceramic lid to prevent environmental degradation. --- ### 3. Functional Applications This part is critical in systems where high-power signals need to be "absorbed" without reflecting energy back into the source. * **Isolators & Circulators:** Used as the dummy load on the third port of a circulator to protect power amplifiers from reflected power. * **Combiners/Dividers:** Acts as a balance resistor in Wilkinson power dividers or 90-degree hybrid couplers. * **Broadcast Transmitters:** Used in the output stages of FM/TV transmitters for signal stabilization. * **Test Equipment:** Serves as a high-power internal termination for RF testing rigs. --- ### 4. Installation Requirements To ensure the part reaches its rated power without failing: 1. **Thermal Paste:** A thin layer of high-quality thermal grease must be applied between the flange and the heat sink. 2. **Flatness:** The mounting surface must be extremely flat to avoid air gaps that cause overheating. 3. **Lead Stress:** The lead should be soldered with a small "stress relief" loop to account for thermal expansion. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating in Watts for the R2 revision?
    • ⤷ Can this component be used in a 75-ohm system?
    • ⤷ What are the specific dimensions of the mounting flange?