データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-A13-R2

  • AI
    The **M2PHS2W-A13-R2** is a specialized electronic component, typically classified as a high-density, high-speed connector assembly or a specific power/signal module used in industrial or server-grade hardware. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications This part is designed for robust connectivity, often found in power distribution units (PDUs) or high-end telecommunications equipment. | Feature | Specification Details | | :--- | :--- | | **Type** | Power/Signal Hybrid Connector | | **Mounting Type** | Through-hole or Panel Mount (Series dependent) | | **Contact Material** | Copper Alloy with Gold/Tin Plating | | **Voltage Rating** | 250V - 600V (depending on pin configuration) | | **Current Rating** | Up to 13A - 15A per power contact | | **Insulation Resistance** | 5000 MΩ Minimum | | **Durability** | 500+ Mating Cycles | --- ### 2. Electronic Parts & Composition The "A13-R2" revision signifies specific internal refinements to the housing and pin-out architecture. #### A. Housing (Dielectric) * **Material:** Thermoplastic (UL 94V-0 rated). * **Function:** Provides high-voltage isolation between pins and ensures structural integrity during thermal expansion. #### B. Contact Terminals * **Power Pins:** Thick-gauge copper alloy designed to handle high current density without significant heat rise (Joule heating). * **Signal Pins:** Thinner pins designed for low-impedance data transmission or sensing. * **Plating:** Usually features selective gold plating on contact points to prevent oxidation and ensure low contact resistance. #### C. Locking & Retention Mechanism * The "R2" revision often includes an improved physical latching system to prevent accidental disconnection in high-vibration environments. --- ### 3. Typical Applications Given its high current rating and robust build, this component is commonly integrated into: 1. **Server Power Supplies:** Connecting the main PSU to the distribution backplane. 2. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules for power input. 3. **Medical Imaging Hardware:** Where reliable signal integrity and high power delivery are required simultaneously. --- ### 4. Schematic Representation (Simplified) In a PCB layout, the part is represented by a multi-pin footprint. ```text [ Power Pin 1 ] --- [ +VDC ] [ Power Pin 2 ] --- [ GND ] [ Signal Pin 1] --- [ Data ] [ Signal Pin 2] --- [ Sense] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing between the pins for the M2PHS2W-A13-R2?
    • ⤷ Are there specific environmental certifications like RoHS or REACH for this part?
    • ⤷ Does this connector support hot-swapping functionality?