データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-AA-R/Q

  • AI
    The part number **M2PHS2W-AA-R/Q** typically refers to a specialized automotive or industrial-grade connector assembly, often associated with high-speed data transmission or coaxial connections (such as FAKRA or HSD standards). Below is a breakdown of the electronic and mechanical characteristics of this component category. --- ### 1. Component Overview This part is generally a **Male 2-Pin High-Speed Connector** designed for PCB mounting. The "AA" suffix often denotes specific mechanical coding (keying), while "R/Q" typically indicates packaging (Tape & Reel) or specific quality qualifications (Automotive Grade). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | HSD (High Speed Data) or Shielded Differential Connector | | **Interface Style** | 2-Position (Pins) | | **Mounting Type** | Right Angle (RA) Through-Hole or SMT | | **Impedance** | 100 $\Omega$ (Differential) | | **Frequency Range** | DC to 2.0 GHz+ | | **Data Rate** | Supports up to 1.6 Gbps or higher (LVDS/USB protocols) | | **Plating** | Gold (Contact Area), Tin (Solder Tail) | --- ### 3. Key Electronic Functions * **Signal Integrity:** Designed to maintain a constant 100-ohm impedance to prevent signal reflection in high-speed data lines. * **EMI/EMC Shielding:** Features a robust metal outer shell (housing) that acts as a Faraday cage to minimize electromagnetic interference. * **Crosstalk Suppression:** The internal pin arrangement is optimized to reduce interference between the two signal lines. ### 4. Mechanical & Environmental Features * **Coding/Keying:** The "AA" designation usually refers to **Code A** (Black color coding). This ensures that only matching female connectors can be plugged in, preventing cross-connection errors on a production line. * **Retention Force:** Includes a locking mechanism (primary and secondary locks) to withstand high vibrations in automotive environments. * **Operating Temperature:** Typically rated from **-40°C to +105°C**. --- ### 5. Common Applications 1. **Automotive Infotainment:** Connecting head units to displays. 2. **ADAS Systems:** Transmission of high-resolution camera data to the ECU. 3. **USB/LVDS Bridging:** High-speed communication between peripheral modules and the main processor. 4. **Telematics:** External antenna connections or GPS module integration.
    ✨ Follow-up Questions
    • What are the specific differences between Code A and Code B keying for this connector?
    • How does the soldering profile for the R/Q variant differ from standard components?
    • Which cable types are compatible with the M2PHS series?