データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-AB-R

  • AI
    Based on the part number provided, this typically refers to a **High-Density, Stackable Connector Assembly**, often associated with the **M2 series** (Micro-Miniature) standards used in aerospace, defense, and high-reliability industrial electronics. --- ## 1. Technical Specification Overview The M2PHS2W-AB-R is generally categorized as a high-performance interconnect component. Below is a breakdown of its likely characteristics: | Feature | Specification Details | | :--- | :--- | | **Series** | M2 (Micro-Modular / High Density) | | **Configuration** | PHS (Plug/Header Stackable) | | **Gender** | Male (Plug) or Header style | | **Number of Rows** | 2 Rows (Dual Row) | | **Orientation** | W (Right Angle or Specific Wire-to-Board) | | **Plating** | AB (Typically Gold over Nickel for high conductivity) | | **RoHS Compliance** | R (RoHS Compliant) | --- ## 2. Key Electronic Components & Materials ### A. Contact Architecture * **Material:** Beryllium Copper (BeCu) or Phosphor Bronze. These materials are chosen for their excellent spring properties and fatigue resistance. * **Plating:** The "AB" designation usually indicates **Selective Gold Plating**. Gold is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles. ### B. Insulator Body * **Material:** Liquid Crystal Polymer (LCP) or Polyphenylene Sulfide (PPS). * **Properties:** High dielectric strength (to prevent arcing between pins) and high temperature resistance (capable of withstanding reflow soldering temperatures up to 260°C). ### C. Mechanical Interface * **Pitch:** Typically 1.0mm, 1.27mm, or 2.0mm depending on the specific sub-family. * **Mounting Type:** Through-hole or SMT (Surface Mount Technology), often featuring "W" (Right Angle) geometry for space-saving on PCBs. --- ## 3. Typical Applications These parts are engineered for environments where standard consumer-grade connectors would fail due to vibration or thermal stress: 1. **Avionics:** Flight control systems and cockpit displays. 2. **Medical Imaging:** High-speed data transmission in MRI or CT scan hardware. 3. **Industrial Automation:** PLCs and robotic arm controllers requiring compact, ruggedized headers. 4. **Telecommunications:** High-density server blade interconnections. --- ## 4. Part Number Breakdown Logic ```text M2 - PHS - 2W - AB - R | | | | | Series Type Rows/ Finish RoHS Style ``` * **M2:** The family designation (Micro-Miniature). * **PHS:** Pin Header Stackable (indicates the physical form factor). * **2W:** 2-Row configuration, often implying a "Winged" or "Right-Angle" mount. * **AB:** Gold plating specification for the contact points. * **R:** Restriction of Hazardous Substances (RoHS) compliant. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pitch (mm) for the M2PHS series?
    • ⤷ Are there alternative plating options besides the 'AB' gold finish?
    • ⤷ Does this connector support high-speed differential signaling?