データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-B1-R2/N

  • AI
    Based on the technical designation, the **M2PHS2W-B1-R2/N** appears to be a specific configuration of a high-performance **M.2 NVMe SSD (Solid State Drive)**, likely from a professional or industrial storage line (often associated with brands like Memkor or specialized military/industrial grade manufacturers). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 / NVMe 1.3 | | **Capacity** | Typically ranging from 120GB to 2TB (Model dependent) | | **NAND Flash Type** | MLC or pSLC (Pseudo-SLC) for high endurance | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | | **Encryption** | TCG Opal 2.0 / AES-256 bit hardware encryption | --- ### 2. Core Electronic Components #### A. Controller (The "Brain") The drive utilizes a high-speed NVMe controller designed to manage data traffic between the PCIe lanes and the NAND memory. It handles: * **Wear Leveling:** Ensuring data is written evenly across memory cells. * **ECC (Error Correction Code):** Detecting and fixing bit-level data corruption. * **Thermal Throttling:** Reducing speeds if the chip exceeds 85°C to prevent hardware damage. #### B. NAND Flash Storage The **"W"** and **"B1"** segments in the part number often denote the specific binning of the NAND. In industrial models like this: * **High Reliability:** Cells are rated for higher Program/Erase (P/E) cycles than consumer drives. * **Data Retention:** Designed to hold data for long periods even in unpowered, extreme temperature states. #### C. Power Management Integrated Circuit (PMIC) The PCB includes a specialized PMIC to convert the 3.3V input from the M.2 slot into the various voltages required by the NAND and Controller. * **Tantalum/Polymer Capacitors:** Many "R2" (Revision 2) industrial drives include a **Power Loss Protection (PLP)** circuit using a bank of capacitors to provide enough "hold-up" time to flush the cache to NAND during a sudden power failure. --- ### 3. Special Features (Suffix Meaning) * **-R2:** Usually indicates Revision 2 of the hardware, which might include updated firmware or a more efficient thermal pad/heatsink interface. * **/N:** Often signifies "Non-SED" (Self-Encrypting Drive) or a specific labeling requirement for international shipping (Non-ITAR or specific customs classification). --- ### 4. Hardware Connectivity The physical interface consists of a **M-Key** edge connector. * **Pins 1-75:** Carry the PCIe differential pairs, clock signals, and 3.3V power rails. * **SM Bus:** Allows the host system to monitor the drive's health (S.M.A.R.T. attributes) even if the main OS is not responsive. ---
    ✨ Follow-up Questions
    • ⤷What is the TBW (Total Bytes Written) rating for this specific model?
    • ⤷ Does this part number support Power Loss Protection (PLP)?
    • ⤷ Is this drive compatible with standard consumer laptops?