データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-BC-R

  • AI
    The **M2PHS2W-BC-R** is a specific part number typically associated with professional-grade LED lighting modules or indicators, often utilized in industrial control panels or specialized signaling equipment. Below is a detailed breakdown of the electronic components and characteristics associated with this part. ### 1. Technical Specifications The part is characterized by its physical mounting, electrical consumption, and environmental durability. | Feature | Specification | | :--- | :--- | | **Component Type** | LED Indicator / Pilot Lamp | | **Mounting Diameter** | 22mm (Standard Industrial Size) | | **Input Voltage** | Typically 110V - 230V AC (varies by sub-series) | | **Illumination Color** | White (denoted by "W" in the suffix) | | **Lens Style** | Flush / Flat Lens | | **Termination** | Screw Terminals | --- ### 2. Key Electronic Parts & Construction The device is composed of several critical layers designed for reliability in harsh environments: #### A. Internal LED Array Unlike consumer bulbs, these industrial units use a **High-Intensity Surface Mount Device (SMD) LED array**. This ensures high visibility even in brightly lit factory environments and provides a lifespan often exceeding 50,000 hours. #### B. Integrated Driver Circuit Inside the housing is a compact AC-DC converter circuit. This includes: * **Bridge Rectifier:** Converts AC input to DC for the LEDs. * **Current Limiting Resistors/IC:** Protects the LEDs from voltage spikes and ensures consistent brightness. * **Capacitors:** Filter the electrical noise to prevent flickering. #### C. Optical Diffuser The "BC" in the code often refers to a **Buffered or Clear/Diffused lens**. This part is engineered to distribute light evenly across the face of the indicator, eliminating "hot spots" and providing a 180-degree viewing angle. --- ### 3. Application and Usage These parts are primarily found in the following electronic systems: 1. **Motor Control Centers (MCC):** To indicate "Power On" or "Running" status. 2. **PLC Interface Panels:** Providing visual feedback from a Programmable Logic Controller. 3. **Safety Systems:** Used as status lights for emergency stops or interlocking systems. --- ### 4. Environmental Protection The "R" suffix often denotes **RoHS Compliance** or specific **IP (Ingress Protection)** ratings. * **IP65/66 Rating:** The front face is typically sealed against dust and high-pressure water jets. * **Vibration Resistance:** The internal electronics are often potted or securely soldered to withstand industrial machinery vibration.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the M2PHS2W-BC-R model?
    • ⤷ Are there alternative lens colors available for this specific series?
    • ⤷ What is the IP rating for the front-panel mounting of this part?