データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2W-CB-R/CE

  • AI
    The **M2PHS2W-CB-R/CE** is a specialized high-power, industrial-grade resistor, typically categorized under **High Power Shunt Resistors** or **Precision Current Sense Resistors**. These components are critical for monitoring current flow in power electronics. --- ### 1. Technical Specifications Overview Based on the standard nomenclature for this series, here is a breakdown of the key electronic characteristics: | Parameter | Typical Specification | Description | |:---|:---|:---| | **Power Rating** | 2W - 5W | High wattage handling for power circuits. | | **Resistance Range** | $0.2m\Omega$ to $5m\Omega$ | Very low resistance to minimize voltage drop. | | **Tolerance** | ±1% or ±5% | Precision in current measurement. | | **Technology** | Metal Plate / Shunt | Uses solid metal alloy for stability. | | **Termination** | 2-Terminal | Surface mount or screw-tab depending on specific housing. | --- ### 2. Key Component Features * **Metal Plate Construction:** Unlike standard film resistors, this part uses a solid metal alloy (often Manganese-Copper or Nickel-Chrome). This allows it to handle significant current surges without burning out. * **Low TCR (Temperature Coefficient of Resistance):** The "CB" designation often refers to a specific material blend that ensures the resistance value doesn't change significantly as the part heats up. * **High Thermal Dissipation:** Designed with a large surface area to transfer heat away from the PCB or mounting surface. * **AEC-Q200 Compliance:** (Indicated by the /CE suffix in many manufacturer codes) suggests it is qualified for automotive use, meaning it can withstand high vibration and extreme temperature cycles. --- ### 3. Electronic Function & Applications The primary role of this part is **Current Sensing**. By placing this resistor in series with a load, a small voltage drop is created ($V = I \times R$). A controller reads this voltage to determine the exact current flow. #### Common Applications: 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in EV batteries. 2. **Motor Control:** Detecting stall currents or regulating torque in industrial motors. 3. **DC-DC Converters:** Providing feedback for power regulation. 4. **Inverters:** Protecting against over-current conditions in solar or UPS systems. --- ### 4. Part Number Breakdown (Standard Industry Format) | Segment | Meaning | |:---|:---| | **M2PH** | Metal Plate High Power Series | | **S2W** | Size/Wattage (often 2 Watts) | | **CB** | Material/TCR Code | | **R** | Resistance Value (e.g., "R001" for 1 mOhm) | | **CE** | Automotive Grade / Environmental compliance (RoHS) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the R/CE variant?
    • ⤷ What are the recommended thermal management strategies for this 2W resistor?
    • ⤷ Are there 4-terminal (Kelvin) versions available for higher precision?