データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSH-12-R/CE

  • AI
    The **M2PHSH-12-R/CE** is a specific technical part number, typically associated with **industrial automation components**, specifically within the category of **Rotary Limit Switches** or **Cam Switches** (often manufactured by companies like *Giovenzana* or similar European industrial electrical brands). Below is a detailed breakdown of the electronic and mechanical characteristics of this component series. --- ### 1. Component Overview This device is an electromechanical assembly used to control the movement of industrial machinery (like cranes, hoists, or wind turbines). It translates rotational movement into electrical signals via internal cam-operated microswitches. ### 2. Technical Specifications The "M2PHSH" series usually conforms to the following electrical standards: | Feature | Specification | | :--- | :--- | | **Contact Type** | Snap action or Slow action microswitches | | **Switching Current** | Typically 10A to 16A (AC-15) | | **Rated Voltage** | 250V AC / 400V AC | | **Protection Degree** | IP65 or IP67 (Dust-tight and Water-resistant) | | **Operational Temp** | -25°C to +70°C | | **Mechanical Life** | ~1 million operations | ### 3. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature usually follows this logic: * **M2PH**: Series identifier (Standard Rotary Limit Switch). * **SH**: Housing type (usually a reinforced thermoplastic or metallic base). * **12**: Represents the **Reduction Ratio** (e.g., 1:12). This means the internal cams complete one full cycle for every 12 rotations of the input shaft. * **R**: Indicates the presence of a Potentiometer or specific Reset function (depending on the brand). * **CE**: Compliance with European Safety Standards (Conformité Européenne). --- ### 4. Internal Electronic Components The device is not a "solid-state" electronic part but an **electromechanical** one. Its internal assembly consists of: 1. **Input Shaft:** Stainless steel or high-strength plastic that connects to the motor or gearbox. 2. **Worm Gear System:** A reduction gear set that slows down the rotation to trigger switches at precise intervals. 3. **Cams:** Adjustable plastic discs that physically push the microswitch levers. 4. **Microswitches:** The "electronic" heart of the device. They provide: * **NC (Normally Closed):** For safety limits (stopping the motor). * **NO (Normally Open):** For signaling or positioning data. 5. **Terminal Block:** Wiring points for integration into a PLC (Programmable Logic Controller) or Motor Starter circuit. --- ### 5. Common Applications * **Overhead Cranes:** To prevent the hook from traveling too high or too low. * **Wind Turbines:** To monitor the "yaw" (rotation) of the nacelle to prevent cable twisting. * **Industrial Doors:** To set the exact stop points for "fully open" and "fully closed."
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for a 4-switch configuration in this series?
    • ⤷ How do I calibrate the reduction ratio for a specific travel distance?
    • ⤷ What are the primary differences between the IP65 and IP67 versions of these switches?