データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSH-153-R2/CE

  • AI
    The **M2PHSH-153-R2/CE** is a specific model of a **Miniature Pressure Switch**, typically manufactured by companies like **Ma-Ter** or used in espresso machine applications (such as those by Astoria or Wega). These components are critical for monitoring and regulating boiler pressure. --- ### 1. Component Overview The device acts as an electromechanical interface that converts fluid pressure into an electrical signal to control a heating element or a pump. | Feature | Description | | :--- | :--- | | **Type** | Single-pole pressure switch (Snap-action) | | **Application** | Espresso machines, steam cleaners, small boilers | | **Media** | Steam, water, air | | **Adjustment** | Adjustable via a central screw to set the "Cut-off" point | --- ### 2. Electrical Specifications Based on the standard "CE" (European Conformity) marking for this series: * **Current Rating:** Typically **15A to 16A** at 250V AC. * **Contact Configuration:** Usually **SPDT** (Single Pole Double Throw) or **SPST** (Single Pole Single Throw). * **Terminals:** 6.3mm Faston (Quick-connect) terminals. * **Safety Standards:** CE marked, often UL/ENEC certified. --- ### 3. Mechanical & Internal Parts The "Electronic" functionality of this part is actually driven by mechanical physics. Here are the internal parts: #### A. The Diaphragm The base contains a flexible membrane (often stainless steel or EPDM). When pressure rises, it pushes against this diaphragm. #### B. The Microswitch Sitting atop the diaphragm mechanism is the electrical switch. Once the pressure reaches the "trip point," the diaphragm pushes a plunger that clicks the microswitch, breaking the circuit to the heater. #### C. The Differential Spring This spring determines the "Hysteresis" (the difference between the pressure at which the switch turns OFF and the pressure at which it turns back ON). --- ### 4. Wiring Diagram Logic In a standard espresso machine setup, the wiring follows this logic: ```mermaid graph LR A[Power In] --> B[Pressure Switch] B --> C{Pressure OK?} C -- Yes --> D[Heating Element ON] C -- No --> E[Heating Element OFF] ``` --- ### 5. Common Failure Modes 1. **Contact Pitting:** High current causes the internal electrical contacts to spark and eventually weld shut (heater stays on) or carbonize (heater won't turn on). 2. **Scale Buildup:** Calcium in the water blocks the small orifice at the bottom, preventing the diaphragm from sensing pressure. 3. **Diaphragm Rupture:** Leads to water/steam leaking directly into the electrical terminals. ---
    ✨ Follow-up Questions
    • ⤷ How do I adjust the pressure set-point on the M2PHSH model?
    • ⤷ What are the primary differences between the R2 and R3 versions of this switch?
    • ⤷ Which espresso machine brands are most compatible with this specific part number?