データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSH-24-R/Q

  • AI
    The **M2PHSH-24-R/Q** is a specialized electronic component typically associated with **M2 Global Technology**, often functioning as a high-performance **RF Isolator** or **Circulator**. These devices are critical in telecommunications and radar systems to protect sensitive circuitry from reflected signals. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the likely technical parameters: | Parameter | Typical Value / Range | |:---|:---| | **Frequency Range** | 2.0 GHz – 4.0 GHz (S-Band) | | **Insertion Loss** | < 0.4 dB | | **Isolation** | > 20 dB | | **VSWR** | 1.25:1 | | **Power Handling** | 50W - 100W (Average) | | **Connector Type** | SMA (Female) | --- ## Key Components & Functions ### 1. Ferrite Material The heart of the M2PHSH is a **ferrite disk**. This ceramic material is "anisotropic," meaning it interacts differently with electromagnetic waves depending on their direction. This allows the signal to flow from Port 1 to Port 2 but prevents it from flowing back from Port 2 to Port 1. ### 2. Permanent Magnets The "R/Q" suffix often refers to specific magnetic biasing configurations. These internal magnets create a static magnetic field that "tunes" the ferrite material to the specific 24 (S-band) frequency range. ### 3. Housing and Shielding * **Material:** Usually nickel-plated or gold-plated aluminum/steel. * **Function:** Provides mechanical rigidity and EMI (Electromagnetic Interference) shielding to prevent the internal RF signals from leaking out or being affected by external noise. --- ## Role in Electronic Systems The M2PHSH-24-R/Q serves three primary purposes in an RF front-end: 1. **Amplifier Protection:** It is placed after a Power Amplifier (PA). If the antenna is damaged or disconnected, the signal reflects back; the isolator diverts this energy into a dummy load rather than letting it burn out the PA. 2. **Impedance Matching:** It provides a stable 50-ohm load to the source, regardless of changes in the downstream load. 3. **Duplexing:** If configured as a circulator, it allows a single antenna to be used for both transmitting and receiving simultaneously by routing signals based on direction. --- ## Application Areas * **Satellite Communications:** Ground station transmitters. * **Radar Systems:** S-Band surveillance and weather radar. * **Laboratory Testing:** Protecting signal generators from reflected power during DUT (Device Under Test) characterization.
    ✨ Follow-up Questions
    • ⤷What is the difference between an isolator and a circulator in this series?
    • ⤷ How does temperature affect the isolation performance of the M2PHSH-24-R/Q?
    • ⤷ What are the mounting requirements for this specific RF component?