データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSH-CA-R2

  • AI
    The **M2PHSH-CA-R2** is a specialized electronic component primarily used in automotive electronics, specifically within the **Ficosa** automotive parts ecosystem (often associated with Shifter/Transmission control modules). It is an integrated circuit (IC) or sensor assembly designed for position sensing or signal processing. --- ### 1. Key Technical Specifications Based on the component architecture, here are the primary electronic characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Magnetic Position Sensor / Hall Effect IC | | **Interface** | Typically Analog or PWM (Pulse Width Modulation) | | **Operating Voltage** | 4.5V to 5.5V (Standard Automotive Logic) | | **Package Type** | SOP (Small Outline Package) or specific custom automotive lead-frame | | **Temperature Grade** | AEC-Q100 Grade 1 (-40°C to +125°C) | | **Application** | Gear Shifter Position Sensing | --- ### 2. Internal Electronic Architecture The "PHSH" series usually incorporates **Hall Effect technology**. Unlike mechanical switches, this electronic part uses the following blocks: * **Hall Elements:** Detects the presence and strength of a magnetic field from a magnet attached to the shifter lever. * **Signal Conditioner:** An internal operational amplifier that boosts the micro-volt signals from the Hall sensor. * **ADC (Analog to Digital Converter):** Converts the magnetic flux density into a digital value for internal processing. * **Protection Circuitry:** Includes Reverse Polarity Protection and Overvoltage protection to survive the harsh electrical environment of a vehicle (ISO 7637-2). --- ### 3. Pinout and Connection (General Topology) While the exact datasheet is proprietary to the manufacturer (Ficosa/Partners), the R2 revision typically follows this logic: ```c Pin 1: VCC (Power Supply +5V) Pin 2: GND (Ground) Pin 3: OUT (Signal Output - PWM or Analog Voltage) Pin 4: TEST/NC (Factory Calibration or No Connection) ``` --- ### 4. Implementation in Systems The **M2PHSH-CA-R2** is critical for "Shift-by-Wire" systems. It translates the physical movement of the gear selector into an electrical signal that the **Transmission Control Unit (TCU)** can understand. 1. **Magnet Interaction:** A magnet moves over the IC. 2. **Flux Detection:** The IC detects the change in magnetic angle. 3. **Output Generation:** The IC sends a specific voltage (e.g., 1.5V for "Drive", 3.5V for "Reverse") to the car's computer.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the M2PHSH-CA-R2 in automotive shifters?
    • ⤷ How does this component compare to standard mechanical microswitches?
    • ⤷ Is there a direct equivalent or replacement part for the R2 revision?