データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-15D-R2/CE

  • AI
    The **M2PHSL-15D-R2/CE** is a specific model within a series of industrial **Power Supplies** (typically DIN-rail mounted) or **Signal Conditioners**, often associated with brands like *M-System* or specialized industrial electronic manufacturers. Below is a breakdown of the electronic specifications and characteristics based on the standard nomenclature for this type of industrial hardware. --- ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2PHSL | High-speed Signal Conditioner / Isolator | | **Input Type** | 15 (Standard Code) | Typically represents a specific voltage/current range (e.g., 1-5V DC or 4-20mA) | | **Output Type** | D | Often signifies a specific DC output (e.g., 0-10V or 4-20mA) | | **Power Supply** | R2 | Typically denotes 11-27V DC or 24V DC auxiliary power | | **Certification** | CE | Compliant with European safety and EMC standards | | **Mounting** | DIN-Rail | Standard industrial 35mm rail mounting | --- ### 2. Key Electronic Components & Functionality The device serves as an interface between field sensors and a PLC (Programmable Logic Controller). Its internal electronics focus on three main areas: #### A. Signal Isolation The "PHSL" designation often points to **Galvanic Isolation**. * **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges on the field side. * **Method:** Uses optoisolators or magnetic transformers to transfer signals without a direct electrical connection. #### B. Precision Amplification * **Operational Amplifiers (Op-Amps):** Low-drift, high-precision op-amps are used to scale the input signal to the desired output range. * **A/D and D/A Conversion:** High-speed models utilize fast Analog-to-Digital and Digital-to-Analog converters to ensure minimal response lag (critical for "High-Speed" models). #### C. Power Regulation * **Switching Regulator:** Converts the incoming 24V DC (R2) into stable internal voltages (+/- 15V or 5V) to power the internal logic. * **Filtering:** Includes EMI/RFI filters to ensure the output signal remains clean even in noisy industrial environments. --- ### 3. Connection Pinout (General) | Terminal | Function | Note | | :--- | :--- | :--- | | **Input (+ / -)** | Field Signal | Connects to the sensor or source | | **Output (+ / -)** | Isolated Signal | Connects to the PLC/DCS input card | | **Power (L+ / N-)** | 24V DC | Device excitation power | --- ### 4. Environmental Standards * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute (Input to Output to Power). * **Response Time:** Being a "High-Speed" model, it likely features a response time of **< 1ms** or **< 10ms**, depending on the specific frequency filter settings.
    ✨ Follow-up Questions
    • What is the specific input and output signal range for the '15D' configuration?
    • Does this model support HART protocol pass-through?
    • How do I calibrate the Zero and Span on this unit?