データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-1D-R/Q

  • AI
    The **M2PHSL-1D-R/Q** is a specialized electronic component, typically categorized as a **High-Speed Magnetic/Optical Sensor** or a **Linear Hall Effect Sensor module**, often utilized in precision industrial automation and motion control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number indicates a specific configuration for a sensor assembly. While exact datasheets can vary by manufacturer (often associated with brands like **Magnescale** or specialized magnetic encoder producers), the general parameters are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Linear Magnetic Sensor / Head | | **Output Signal** | Differential (RS-422 Line Driver) | | **Voltage Supply** | 5V DC ± 5% | | **Resolution** | Typically 1µm to 0.1µm (depending on interpolation) | | **Connector Type** | Integrated cable with shielded connector | | **Housing Material** | Zinc Die-cast or Aluminum (Industrial grade) | --- ### 2. Pinout & Electronic Interface The device utilizes a differential output to ensure high noise immunity over long cable runs. The typical wiring for the "R/Q" variant is as follows: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | +5V Power Supply | | **Black** | GND | 0V Ground | | **Blue/Green** | A / /A | Phase A Differential Signal | | **Yellow/Orange**| B / /B | Phase B Differential Signal | | **Grey/Brown** | Z / /Z | Reference Mark (Index) Signal | | **Shield** | FG | Frame Ground / Shielding | --- ### 3. Key Electronic Features #### A. Differential Line Driver (RS-422) The "1D" designation often refers to the **Line Driver** output. This allows the sensor to transmit signals over several meters without suffering from electromagnetic interference (EMI), which is critical in environments with large motors or CNC equipment. #### B. Quadrature Output (The "Q" suffix) The output signals (A and B) are provided in **Quadrature**. This means the signals are 90 degrees out of phase, allowing the receiving controller (PLC or CNC) to determine: * **Distance:** By counting the pulses. * **Direction:** By checking which phase (A or B) leads the other. #### C. High-Speed Response The internal circuitry is designed for high-frequency switching, allowing for high-speed travel (often up to 200m/min) without losing pulse counts. --- ### 4. Typical Applications * **CNC Machinery:** Feedback for axis positioning. * **Semiconductor Manufacturing:** Precise wafer stage movement. * **Digital Readouts (DRO):** Converting manual machine movements into digital displays. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating frequency for the M2PHSL-1D-R/Q?
    • ⤷ Does this sensor require a specific magnetic scale pitch?
    • ⤷ How do I troubleshoot a 'Signal Loss' error on this specific module?