データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-1D-R2/CE

  • AI
    The **M2PHSL-1D-R2/CE** is a specialized electronic component, typically classified as a **High-Speed Digital Isolator** or a specialized **Interface Module** used in industrial automation and precision communication. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed to provide galvanic isolation between circuits to protect sensitive components from high-voltage spikes and ground loops. | Feature | Description | | :--- | :--- | | **Type** | Digital Isolator / Signal Converter | | **Channels** | Single Channel (1D - One Data path) | | **Revision** | R2 (Second Revision) | | **Certification** | CE (European Conformity) | | **Isolation Voltage** | Typically 2.5kV to 5kV RMS | --- ### 2. Key Electronic Components & Internal Architecture The "electronic parts" within this module or associated with its circuit design include: #### A. Isolation Barrier * **Capacitive or Magnetic Couplers:** Unlike old optocouplers, these use high-frequency CMOS-based isolation to transfer data across a silicon dioxide ($SiO_2$) barrier. * **Benefit:** Higher speed, lower power consumption, and better reliability over time. #### B. Signal Conditioning Circuitry * **Schmitt Triggers:** Used at the input stage to clean up noisy signals and ensure sharp transitions (high/low). * **Drivers:** Output buffers designed to drive specific loads (TTL, CMOS, or RS-422 levels). #### C. Power Management * **LDO Regulators:** Often integrated to maintain a stable internal voltage despite fluctuations in the external supply. * **ESD Protection Diodes:** Integrated on I/O pins to prevent damage from Electrostatic Discharge. --- ### 3. Pinout and Interface While exact pinouts vary by package, the electronic interface usually follows this logic: | Pin Category | Function | | :--- | :--- | | **VCC1 / VCC2** | Primary and Secondary side power supplies (Isolated). | | **GND1 / GND2** | Independent ground planes to ensure isolation. | | **IN / OUT** | Logic signal input and the isolated output. | | **EN (Enable)** | A control pin to activate or high-impedance the output. | --- ### 4. Technical Performance Metrics * **Data Rate:** Capable of handling high-speed data (often up to 100 Mbps or higher). * **Propagation Delay:** Minimal lag (usually < 15ns) between input and output. * **Common Mode Transient Immunity (CMTI):** High resistance to rapid voltage changes (e.g., 50kV/µs), which is critical in motor drive environments. --- ### 5. Common Applications 1. **Industrial PLC Systems:** Protecting the main controller from field-side electrical noise. 2. **Motor Drives:** Isolating gate driver signals in high-power inverters. 3. **Medical Equipment:** Ensuring patient safety by isolating mains power from sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2PHSL-1D-R2/CE?
    • ⤷ Does this model support bidirectional data transmission or only unidirectional?
    • ⤷ What are the specific mounting requirements for this component in a PCB layout?