データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-1D-R2SLASHCE

  • AI
    Based on the nomenclature provided, the **M2PHSL-1D-R2/CE** appears to be a specific model of an **Industrial Limit Switch** or a **Position Sensor**, typically associated with heavy-duty automation and machinery control. --- ## Technical Specifications Breakdown | Feature | Description | | :--- | :--- | | **Model Series** | M2PHSL (Commonly used in elevator or heavy machinery safety) | | **Contact Configuration** | 1D (Typically indicates 1 Normally Closed + 1 Normally Open contact) | | **Actuator Type** | Roller Lever or Plunger (denoted by the 'R2' variant) | | **Standards Compliance** | CE (Certified for European health, safety, and environmental standards) | | **Housing Material** | Usually Die-cast Aluminum or reinforced plastic for industrial durability | --- ## Core Electronic Components The device functions as an electromechanical transducer. Below are the internal electronic and mechanical parts: ### 1. Contact Block The "heart" of the switch. It contains the electrical terminals that open or close a circuit when the lever is actuated. * **Material:** Often silver-plated or gold-flashed contacts to reduce resistance and prevent oxidation. * **Action:** Snap-action mechanism ensures a rapid change of state regardless of the speed of the actuator. ### 2. Actuator Mechanism (R2) This is the physical part that interacts with the moving machinery. * **Function:** Translates mechanical force into the internal movement required to flip the contact block. * **Durability:** Rated for millions of mechanical cycles. ### 3. Terminals and Wiring Interface * **Screw Terminals:** Used to secure electrical wires (typically 14-18 AWG). * **Insulation:** The internal chamber is rated for high dielectric strength to prevent short-circuiting between the poles and the housing. ### 4. Sealing (Gaskets/O-Rings) * Provides environmental protection (often IP65 or IP67). * Prevents oil, water, or dust from entering the electrical contact area, which would cause arcing or failure. --- ## Common Applications * **Elevator Systems:** Used for floor leveling detection or door interlocking. * **Conveyor Belts:** Detecting the presence of an object or an end-of-travel stop. * **Safety Gates:** Ensuring a machine cannot start unless a guard is closed. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the M2PHSL series?
    • ⤷ Is this switch rated for IP67 waterproof protection?
    • ⤷ How do I wire the 1D contact configuration for a safety circuit?