データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-A12-R2/N

  • AI
    The **M2PHSL-A12-R2/N** is a specific model of a **Brushless DC (BLDC) Motor Driver/Controller** board, commonly used in precision cooling fans or specialized industrial motor control applications. --- ## 1. Technical Specifications Overview This component is designed to manage the commutation and power delivery to a 12V motor. | Parameter | Details | | :--- | :--- | | **Input Voltage** | 12V DC (Standard) | | **Motor Type** | 3-Phase Brushless DC (BLDC) | | **Control Interface** | Pulse Width Modulation (PWM) and Tachometer Feedback | | **Configuration** | Integrated PCB assembly | | **Connector Type** | Typically 4-pin or specialized header for fan/motor sync | --- ## 2. Key Electronic Parts and Functional Blocks The board consists of several critical stages that allow a digital signal to control a mechanical motor. ### A. Power MOSFET Bridge * **Purpose:** The board contains a set of Power MOSFETs arranged in a 3-phase bridge configuration. * **Function:** These switch the 12V input to the three coils of the motor in a specific sequence to create rotation. ### B. Controller IC (The "Brain") * **Purpose:** A dedicated motor driver IC (often from manufacturers like Melexis, Rohm, or Allegro). * **Function:** It interprets the PWM input signal and calculates the timing for the MOSFET switching. It also handles **Soft Start** to prevent current spikes when the motor begins spinning. ### C. Hall Effect Sensors (Internal or External) * **Purpose:** Position sensing. * **Function:** The controller uses these sensors to detect the position of the motor's rotor, ensuring the electromagnetic fields are switched at the exact right microsecond (Commutation). ### D. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the +/- wires are swapped. * **Locked Rotor Protection:** Automatically cuts power if the motor is physically jammed to prevent the coils from melting. * **Capacitors:** Electrolytic and ceramic capacitors filter out electrical noise created by the high-speed switching. --- ## 3. Pinout and Connectivity Generally, these boards follow the standard 4-wire DC control convention: 1. **VCC (+12V):** Main power supply. 2. **GND:** Ground. 3. **FG (Frequency Generator):** The "Tach" signal that tells the host system how fast the motor is spinning. 4. **PWM:** The input signal used to control the speed (0% to 100% duty cycle). --- ## 4. Common Applications * **High-End PC Cooling:** Used in servers or workstations requiring high static pressure. * **Industrial Blowers:** Integrated into small-scale ventilation systems. * **Automotive Sensors:** Small brushless motors for cabin air sampling. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power ratings for the M2PHSL-A12-R2/N?
    • ⤷ How do I troubleshoot a 'Locked Rotor' error on this board?
    • ⤷ Can this controller be used with a 2-phase motor instead of a 3-phase?