データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-A13-R2/CE

  • AI
    The **M2PHSL-A13-R2/CE** is a specialized electronic component primarily used in industrial and automotive display applications. It is commonly identified as a **High-Intensity LED Backlight Strip** or a specific **Inverter/Driver Interface Board** module designed for small to medium-sized LCD panels. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications This module is designed to regulate power and provide the necessary lighting for liquid crystal displays. | Feature | Description | | :--- | :--- | | **Component Type** | LED Backlight Driving Strip / Control PCB | | **Input Voltage** | Typically 12V DC (Standard for Industrial Modules) | | **Compatibility** | Used with specific LCD panels (e.g., HannStar or Innolux variants) | | **Interface Connector** | Multi-pin low-profile connector (A-series standard) | | **Compliance** | CE (European Conformity) Certified | --- ### 2. Key Electronic Parts & Components The board consists of several critical Surface Mount Devices (SMD) that manage the power delivery: * **LED Driver IC:** The "brain" of the board, which manages Pulse Width Modulation (PWM) for brightness control and ensures constant current to the LEDs. * **Inductors & Capacitors:** Used for DC-DC boost conversion. Since LEDs require a specific forward voltage often higher than the input, these parts boost the 12V input to the required level. * **SMD Resistors:** These are used for current sensing and setting the current limits to prevent the LEDs from burning out. * **Protection Diodes:** Integrated to protect the circuit from reverse polarity and voltage spikes. --- ### 3. Application Areas This specific part number is frequently found in the following hardware: 1. **Automotive Infotainment:** Dashboard displays and center consoles. 2. **Industrial HMIs:** Human-Machine Interface screens used in manufacturing. 3. **Medical Monitors:** Display modules for diagnostic equipment requiring high reliability. --- ### 4. Integration Diagram (Simplified) ```mermaid graph LR A[Power Input 12V] --> B[Driver IC] B --> C[Boost Converter] C --> D[LED Array] E[Brightness Control Signal] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific LCD panel models compatible with this part?
    • ⤷ How do I troubleshoot a backlight failure on this module?
    • ⤷ Where can I find the full pinout datasheet for the R2/CE revision?