データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSL-AD-R/Q

  • AI
    The **M2PHSL-AD-R/Q** is a specific part number typically associated with high-performance automotive or industrial-grade **Power MOSFETs** or **Voltage Regulator** modules, often produced by manufacturers like Renesas or Toshiba. Below is a technical breakdown of the electronic characteristics and specifications generally associated with this series. --- ### 1. Technical Specifications This component is designed for high-speed switching and power management. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Module | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Input Voltage (Vgs)** | ±20V (Standard Logic Level) | | **Drain-Source Voltage (Vdss)** | 30V - 60V (Series dependent) | | **Continuous Drain Current (Id)** | High Current (often >30A) | | **Package Type** | SOP-8 or specialized Power Leadless package | | **Operating Temp** | -55°C to +150°C | --- ### 2. Key Internal Features * **Low On-Resistance ($R_{DS(on)}$):** Minimizes power loss during conduction, which is critical for heat management in compact electronic assemblies. * **High-Speed Switching:** Optimized gate charge ($Q_g$) characteristics allow the part to turn on and off rapidly, making it suitable for DC-DC converters. * **Avalanche Ruggedness:** Built to withstand voltage spikes that exceed the breakdown voltage without immediate failure. * **AEC-Q101 Compliance:** The "/Q" suffix often denotes **Automotive Grade** qualification, meaning it has undergone rigorous stress testing for vibration and thermal cycling. --- ### 3. Application Areas These parts are commonly found in the following electronic circuits: 1. **Automotive ECU:** Used in Engine Control Units for power distribution. 2. **Motor Drivers:** Controlling brushless DC (BLDC) motors in fans or pumps. 3. **DC-DC Converters:** Stepping down battery voltages to logic levels (e.g., 12V to 5V). 4. **Load Switching:** Acting as an electronic relay to turn subsystems on or off. --- ### 4. Part Number Breakdown (Nomenclature) While naming conventions vary by brand, the suffix typically provides logistical data: * **AD:** Often refers to the specific Die generation or internal Revision. * **R:** Usually indicates **Tape and Reel** packaging for automated pick-and-place machines. * **Q:** Generally signifies **Quality/Automotive** grade (AEC-Q qualified). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the M2PHSL series?
    • ⤷ Can this part be used in 24V industrial systems?
    • ⤷ What are the recommended heat dissipation techniques for this SMD package?