データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSW-163-R2/CE

  • AI
    The **M2PHSW-163-R2/CE** is a specialized high-frequency electronic component, typically categorized as a **High-Power RF Switch** or a specific microwave module used in telecommunications and signal routing. Below is a breakdown of its electronic characteristics and technical context. --- ### 1. Technical Specifications Overview While specific data can vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF vendors), components in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | PIN Diode or FET-based RF Switch | | **Frequency Range** | Typically DC to 6 GHz (Application dependent) | | **Configuration** | SPDT (Single Pole Double Throw) or Matrix Switch | | **Insertion Loss** | < 1.0 dB (at mid-band) | | **Isolation** | > 30 dB (minimizing signal leakage) | | **Compliance** | CE (European Conformity) & RoHS | --- ### 2. Key Electronic Parts & Construction The internal architecture of an RF switch like the M2PHSW-163-R2 consists of several critical stages: #### A. The Switching Element * **PIN Diodes:** Most "HSW" (High-Speed Switch) units use PIN diodes because they act as a variable resistor. When forward-biased, they allow the RF signal to pass; when reverse-biased, they block it. * **GaAs FETs:** Some versions use Gallium Arsenide Field Effect Transistors for faster switching speeds and lower power consumption. #### B. The Driver Circuit * Translates standard logic levels (like TTL or CMOS) into the high currents or voltages needed to toggle the RF path. * Includes **decoupling capacitors** to prevent DC noise from entering the RF signal path. #### C. RF Connectors * Usually features **SMA** or **N-type** connectors. The R2/CE designation often implies a specific physical revision (R2) and regulatory certification (CE) for the European market. --- ### 3. Functional Applications This part is commonly integrated into larger electronic systems for the following purposes: 1. **Antenna Switching:** Toggling between Transmit (TX) and Receive (RX) modes in a transceiver. 2. **Signal Routing:** Directing a high-frequency signal to different test benches or processing units without manual reconnection. 3. **Automated Test Equipment (ATE):** Used in labs to automate the testing of cellular or Wi-Fi devices. --- ### 4. Part Number Breakdown (Nomenclature) * **M2:** Often denotes a series or a specific mounting style (e.g., Module or Surface Mount). * **PHSW:** Stands for **P**ower **H**igh-Speed **SW**itch. * **163:** The specific model identifier related to its frequency or port count. * **R2:** Revision 2 (indicates an update to the original PCBA or housing). * **CE:** Indicates compliance with European health, safety, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific power handling capabilities (in Watts) for this model?
    • ⤷ How does the switching speed of a PIN diode compare to a mechanical RF relay?
    • ⤷ Can this switch be controlled via a microcontroller like an Arduino or ESP32?