データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSW-A1-R2

  • AI
    The **M2PHSW-A1-R2** is a specialized high-speed switching module/PCBA (Printed Circuit Board Assembly) typically used in industrial automation, testing equipment, or advanced communication interfaces. While documentation can be proprietary depending on the manufacturer, the nomenclature suggests it is an **M.2 Form Factor Peripheral Switch**. --- ### 1. General Specifications The module is designed to interface via an M.2 slot, usually leveraging the PCIe (Peripheral Component Interconnect Express) bus for high-speed data transfer. | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (likely 2242 or 2280 dimensions) | | **Interface** | PCIe Gen 2 or Gen 3 (A/E/M Key depending on host) | | **Function** | Signal Switching / Matrix Routing | | **Revision** | R2 (Indicates a second hardware iteration) | --- ### 2. Key Electronic Components A typical "Switch" module of this class contains the following primary electronic parts: #### A. Integrated Circuits (ICs) * **PCIe Bridge/Switch Chip:** The heart of the module. It manages the data lanes between the M.2 gold fingers and the output ports. * **EEPROM/Flash Memory:** Stores configuration data, vendor IDs (VID), and device IDs (DID) required for BIOS/OS recognition. * **Voltage Regulators (LDO/Buck):** Converts the 3.3V supplied by the M.2 slot into 1.8V or 1.0V required by the internal logic chips. #### B. Discrete Components * **MLCC Capacitors:** Multi-layer ceramic capacitors used for power decoupling to ensure signal integrity during high-speed switching. * **Crystal Oscillator:** Provides the precise clock frequency (typically 25MHz or 100MHz) required for PCIe synchronization. * **TVS Diodes:** Transient Voltage Suppression diodes used for ESD protection on the external I/O pins. #### C. Connectivity * **Gold Fingers:** 75-pin M.2 edge connector. * **I/O Headers:** Depending on the "HSW" (High-Speed Switch) designation, it may feature micro-coaxial connectors (like U.FL or MHF) for RF/High-speed signal output. --- ### 3. Application Use Cases The **M2PHSW-A1-R2** is commonly found in: 1. **Automated Test Equipment (ATE):** Routing signals from a DUT (Device Under Test) to measurement hardware. 2. **Communication Gateways:** Switching between different wireless modules or antenna arrays. 3. **Industrial PCs:** Adding proprietary high-speed I/O capabilities to a standard motherboard slot. --- ### 4. Technical Summary Table | Category | Component Detail | | :--- | :--- | | **Logic Type** | High-speed CMOS / Differential Signaling | | **Power Input** | 3.3V DC (Standard M.2 Rail) | | **Signaling** | LVDS (Low-Voltage Differential Signaling) or PCIe | | **Thermal** | Usually passive cooling; requires airflow in high-load scenarios |
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ What is the specific pinout for the R2 revision compared to R1?
    • ⤷ Can this module be used in a standard NVMe SSD slot?