データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSW-A12-R2/N

  • AI
    The **M2PHSW-A12-R2/N** is a specialized electronic component, typically classified as a high-performance **solid-state power switch** or **integrated power module**, often found in automotive or industrial power distribution systems. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Management / Intelligent Switch | | **Configuration** | High-side or Bridge Switching | | **Input Voltage Range** | Typically 9V to 36V (Optimized for 12V/24V systems) | | **Current Rating** | High-amperage capacity (Specific to thermal sinking) | | **Material Compliance** | RoHS Compliant, Lead-Free | --- ### 2. Core Electronic Architecture The "A12-R2/N" series usually incorporates several internal electronic layers to ensure reliability: * **MOSFET Array:** The heart of the unit consists of low $R_{DS(on)}$ (On-resistance) N-channel MOSFETs. This minimizes heat dissipation during high-current conduction. * **Gate Driver Circuitry:** Integrated charge pumps are used to drive the high-side MOSFETs, ensuring the gates are fully saturated even when the supply voltage fluctuates. * **Control Logic:** A logic-level interface (typically 3.3V or 5V compatible) allows a Microcontroller (MCU) to toggle the switch states. * **Protection Circuitry:** * **Over-Current Protection (OCP):** Shuts down the output if a short circuit is detected. * **Over-Temperature Protection (OTP):** Thermal sensors throttle or cut power if the junction temperature exceeds safety limits. * **Under-Voltage Lockout (UVLO):** Prevents operation if the battery voltage is too low to drive the gates efficiently. --- ### 3. Pinout and Connectivity Patterns While specific pin assignments depend on the physical package (likely a surface mount or modular block), the functional groups are as follows: 1. **V_IN / BATT+:** Main high-power input from the power source. 2. **OUT / LOAD:** The switched output terminal leading to the device (e.g., motor, heater, or ECU). 3. **GND:** Common ground for the internal control logic. 4. **ENABLE / PWM:** Input signal to turn the switch ON/OFF or control speed/brightness via Pulse Width Modulation. 5. **DIAG / STATUS:** A feedback pin that outputs a signal if a fault (short or overheat) is detected. --- ### 4. Typical Applications * **Automotive Power Distribution:** Replacing traditional mechanical relays with silent, wear-free electronic switching. * **Industrial Automation:** Controlling heavy DC loads in PLC-based environments. * **Battery Management Systems (BMS):** Serving as a safety disconnect or load switch. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous current rating for the M2PHSW-A12-R2/N?
    • ⤷ Does this part require an external heatsink for standard operation?
    • ⤷ What is the specific package type for this component?