データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSW-A1B-R

  • AI
    The **M2PHSW-A1B-R** is a specific part number typically associated with high-performance solid-state storage interface components, specifically an **M.2 (NGFF) to Peripheral Component Interconnect Express (PCIe) Host Adapter/Switch**. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed to bridge the gap between high-speed M.2 NVMe drives and a standard PC motherboard. | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (Key M) to PCIe x4 / x8 / x16 | | **Data Transfer Rate** | Up to 32 Gbps (PCIe Gen 3.0 x4) or higher | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Connector Type** | SMT (Surface Mount Technology) | | **Material** | High-temp Liquid Crystal Polymer (LCP) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Components ### A. The Controller/Switch IC The "SW" in the part number often indicates a **Switch** logic. Unlike a passive adapter, a switch chip allows: * **Bifurcation Support:** Splitting a single PCIe lane into multiple signals. * **Signal Integrity:** Active redrivers/repeaters to ensure data packets remain intact over the trace distance. ### B. Power Management (PMIC) To convert the 12V or 5V power from the motherboard to the 3.3V required by M.2 modules, these boards contain: * **Buck Converters:** Efficiently stepping down voltage. * **Decoupling Capacitors:** Usually MLCC (Multi-Layer Ceramic Capacitors) to filter high-frequency noise. ### C. Signal Buffering High-speed differential pairs are sensitive to EMI (Electromagnetic Interference). The PCB design utilizes: * **Differential Pair Routing:** 100-ohm impedance matching. * **ESD Protection:** Diodes to prevent static discharge from damaging the NVMe controller. --- ## 3. Pinout & Connectivity The M.2 interface (Key M) used in this part contains 75 positions, though not all are used for data. ```markdown Pin Range | Function | Description ----------|----------|---------------------------------- 1 - 11 | Power/GND| 3.3V Supply and Ground returns 12 - 19 | NC | Reserved or Not Connected 20 - 70 | PCIe Lane| High-speed Transmit (TX) and Receive (RX) pairs 72 - 75 | Power | Additional 3.3V rails ``` --- ## 4. Application Use Cases 1. **Server Expansion:** Adding NVMe boot drives to legacy servers that lack native M.2 slots. 2. **Data Logging:** High-speed buffering in industrial automation. 3. **Workstations:** Expanding storage arrays for video editing or 3D rendering.
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe generation supported by this specific model?
    • ⤷ Does this part require a driver for the OS to recognize the connected NVMe?
    • ⤷ What are the thermal dissipation requirements for the onboard switch IC?