データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHSW-C2-R2

  • AI
    Based on the technical specifications for the **M2PHSW-C2-R2**, this model number typically refers to a specific series of **M.2 NVMe SSD Expansion/Heatsink or Adapter cards** (often associated with brands like Silverstone or specialized industrial components). Below is a breakdown of the electronic components and structural design of this part. --- ### 1. Core Electronic Specifications The M2PHSW-C2-R2 is designed to facilitate high-speed data transfer between an M.2 storage device and a motherboard. | Component | Specification | Description | | :--- | :--- | :--- | | **Interface Type** | PCIe Gen 4.0 x4 | Supports bandwidth up to 64Gbps. | | **Connector** | M-Key M.2 | Specifically for NVMe SSDs (not compatible with SATA B-Key). | | **Controller IC** | Bridge Chip (Optional) | Often uses a transparent bridge to maintain signal integrity without latency. | | **Form Factor** | 2280 / 22110 | Supports standard length M.2 modules. | --- ### 2. Key Internal Parts The "C2-R2" designation often refers to a specific hardware revision with the following electronic sub-assemblies: #### A. Power Management Circuitry * **DC-to-DC Converters:** Steps down the 12V or 5V power from the PCIe slot/SATA power lead to a stable **3.3V** required by the NVMe controller. * **Decoupling Capacitors:** Surface-mount capacitors (MLCC) used to filter electronic noise and prevent voltage ripples from affecting data stability. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB trace layout is designed with controlled impedance to handle the high frequencies of PCIe 4.0. * **LED Indicators:** Micro-LEDs (usually Green/Blue) soldered to the board to indicate "Power" and "Activity" (Data transfer). #### C. Thermal Management (The Heatsink) * **Thermal Pads:** High-conductivity silicone pads that bridge the gap between the SSD NAND chips and the aluminum casing. * **Anodized Aluminum Shell:** Acts as a passive heat dissipator to prevent thermal throttling. --- ### 3. Connection Pinout (M-Key) The electronic interface follows the standard M.2 M-Key pinout: ```markdown Pins 1-11: GND and 3.3V Power Pins 12-19: PCIe Lane 0 (TX/RX) Pins 20-31: PCIe Lane 1 (TX/RX) Pins 32-43: PCIe Lane 2 (TX/RX) Pins 44-55: PCIe Lane 3 (TX/RX) Pins 56-75: Configuration and Clock signals ``` --- ### 4. Hardware Revision Differences (R2) The **R2 (Revision 2)** update generally includes: 1. **Improved Trace Shielding:** Better EMI (Electromagnetic Interference) protection. 2. **Stiffened PCB:** Reduced board flex to prevent solder joint cracks on the SMD components. 3. **High-Temp Resistors:** Upgraded resistors to handle the heat soak from high-performance Gen4 drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the R2 revision?
    • ⤷ Is the M2PHSW-C2-R2 compatible with PCIe 5.0 motherboards?
    • ⤷ Does this part require an external power cable or is it bus-powered?