データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PP-24R-R

  • AI
    ### M2PP-24R-R: Electronic Component Analysis The **M2PP-24R-R** is a specific part number typically associated with **RJ45 Magnetic Jacks** (Integrated Connector Modules or ICMs). These components are essential for Ethernet communication interfaces. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | RJ45 Connector with Integrated Magnetics | | **Port Configuration** | 1x1 (Single Port) | | **Speed/Standard** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Horizontal | | **Mounting Type** | Through-Hole (THT) | | **Isolation Voltage** | 1500 Vrms | | **LED Configuration** | Typically Green/Yellow (Check specific datasheet) | --- ### Key Electronic Sub-Components Inside the "R-R" series housing, several critical electronic parts work together to ensure signal integrity: 1. **Isolation Transformer:** * Provides galvanic isolation between the PHY (Physical Layer) chip and the Ethernet cable. * Protects the circuitry from high-voltage surges and ground loops. 2. **Common Mode Chokes:** * Filters out electromagnetic interference (EMI) and noise. * Ensures the device complies with EMC regulations (FCC/CE). 3. **Termination Resistors & Capacitors (Bob Smith Termination):** * Matches the impedance of the twisted-pair cables (100 ohms). * Reduces common-mode reflections. 4. **LEDs:** * Integrated indicators for "Link" and "Activity" status. --- ### Schematic Representation In a typical application circuit, the pinout is divided into two sides: * **Media Side (RJ45):** Connects to the Ethernet cable (8 pins). * **PHY Side (PCB):** Connects to the Ethernet Controller chip. ```mermaid graph LR PHY[Ethernet PHY Chip] ---|Differential Pairs| Mag[Integrated Magnetics] Mag ---|Isolated Signal| Jack[RJ45 Port] Jack ---|Cat5/6 Cable| Internet((Network)) ``` --- ### Applications * **Networking Equipment:** Routers, switches, and hubs. * **Industrial PC:** Embedded motherboards and IoT gateways. * **Consumer Electronics:** Smart TVs, game consoles, and set-top boxes.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2PP-24R-R?
    • ⤷ Can this component support Power over Ethernet (PoE)?
    • ⤷ What are the recommended footprint dimensions for PCB layout?