データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PP-31R-R/N

  • AI
    The **M2PP-31R-R/N** is a specific electronic component typically categorized as an **Industrial LED Indicator or Pilot Light**. This particular part number belongs to a series often manufactured by companies like **DECA Switchlab** or similar industrial automation suppliers. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications Table | Feature | Specification | Details | | :--- | :--- | :--- | | **Component Type** | LED Pilot Light / Indicator | Circular panel mount indicator | | **Series** | M2PP | 22mm / 16mm Industrial series | | **Mounting Diameter** | 16mm (standard) | Fits standard industrial panel cutouts | | **Color** | Red (R) | High-visibility Red LED | | **Voltage Rating** | 12V to 24V AC/DC | Standard low-voltage industrial rating | | **Connection Type** | Solder or Quick-connect | Tab terminals for wiring | | **Ingress Protection** | IP40 / IP65 | Usually splash-proof depending on the seal | --- ### 2. Key Electronic Characteristics * **Illumination Source:** It utilizes high-brightness LEDs. Unlike traditional incandescent bulbs, these have a significantly longer lifespan (approx. 50,000 to 100,000 hours) and lower power consumption. * **Polarity (N/R Suffix):** The suffix `R/N` typically refers to the lens shape and the internal circuitry. In industrial coding: * **R:** Represents the color (Red). * **N:** Often indicates a specific terminal type (e.g., standard pin) or a "Neon/LED" distinction. * **Integrated Resistor:** These units contain internal current-limiting resistors, allowing them to be connected directly to the rated voltage (24V) without external components. ### 3. Application Use Cases 1. **Status Indication:** Used in control panels to show "Power On" or "Alarm" states. 2. **Human-Machine Interface (HMI):** Integrated into industrial consoles to provide feedback to operators. 3. **Automation Racks:** Mounted on PLC output modules to visualize output triggers. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[V+ Terminal] --> B[Internal Resistor] B --> C[Red LED] C --> D[V- Terminal] ```
    ✨ Follow-up Questions
    • ⤷ What are the alternative mounting sizes for the M2PP series?
    • ⤷ Does this model support 110V or 220V AC operation?
    • ⤷ What is the IP rating for the front-facing part of the indicator?