データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PP-35N-R2SLASHCE

  • AI
    The **M2PP-35N-R2/CE** is a specific model of an industrial-grade **Stepper Motor with an integrated planetary gearbox**, commonly used in precision automation, robotics, and medical equipment. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. General Specifications This unit combines a high-torque stepper motor with a precision gear reduction system to achieve high resolution and holding torque. | Feature | Specification | | :--- | :--- | | **Motor Type** | NEMA 14 (35mm) Stepper Motor | | **Step Angle (Basic)** | 1.8° per step | | **Gear Ratio** | Varies by sub-model (typically 1:5, 1:10, or 1:20) | | **Voltage Range** | Usually 12V - 24V DC (Driver dependent) | | **Compliance** | CE Certified (Conformité Européenne) | --- ### 2. Core Electronic Components #### A. The Stepper Motor (The Actuator) The heart of the unit is a hybrid stepper motor. * **Stator:** Contains the copper windings that create magnetic fields when energized. * **Rotor:** A permanent magnet or soft iron core that rotates in discrete steps. * **Phases:** Typically a 2-phase bipolar configuration, requiring 4 wires. #### B. Internal Feedback (Optional/Model Specific) Depending on the exact revision (R2), these units often include: * **Hall Effect Sensors:** To detect the position of the rotor. * **Integrated Encoder (Optional):** Some variants include a rear-mounted optical encoder to provide closed-loop feedback to the controller, preventing "lost steps." #### C. Wiring and Connectivity The unit uses standardized industrial connectors or lead wires. * **Bipolar Wiring:** Usually 4 wires (A+, A-, B+, B-). * **Shielding:** High-quality insulation to prevent Electromagnetic Interference (EMI) in sensitive environments. --- ### 3. Mechanical & Protective Parts #### The Planetary Gearbox (The "P" in M2PP) Unlike standard spur gears, the planetary gearbox offers: * **High Torque Density:** Multiple "planet" gears distribute the load. * **Backlash Control:** Designed for minimal play, essential for precision positioning. #### Protection and Certification * **CE Marking:** Indicates the electronics meet EU safety, health, and environmental requirements. * **R2 Revision:** Usually signifies a second-generation design with improved thermal management or bearing durability. --- ### 4. Recommended Electronic Setup To operate this part, you require a specific electronic chain: 1. **Logic Controller:** (PLC, Arduino, or PC-based CNC controller). 2. **Stepper Driver:** (e.g., DM542 or similar) to translate logic signals into high-current pulses. 3. **Power Supply:** A regulated DC power supply (typically 24V for better high-speed performance).
    ✨ Follow-up Questions
    • ⤷ What is the exact torque rating for the M2PP-35N series?
    • ⤷ How do I wire the R2 revision to a standard bipolar stepper driver?
    • ⤷ What are the common industrial applications for this specific gear motor?