データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PP-94R-R2/N

  • AI
    The **M2PP-94R-R2/N** belongs to a specialized category of electronic components, typically associated with **industrial high-frequency power supplies** or **RF generator modules**. These parts are often integrated into systems used for semiconductor manufacturing (like plasma etching or CVD) and industrial induction heating. --- ### 1. Component Overview While specific proprietary data may vary by manufacturer (often associated with brands like *Advanced Energy* or *MKS Instruments*), this part number identifies a specific power module configuration. | Feature | Specification | | :--- | :--- | | **Component Type** | Power Module / RF Generator Assembly | | **Primary Function** | Power Conversion & Frequency Matching | | **Application** | Plasma processing, Thin-film deposition | | **Mounting** | Rack-mount or Internal Chassis Integration | --- ### 2. Key Electronic Sections The internal architecture of a module like the M2PP-94R-R2/N typically consists of the following electronic stages: #### A. DC-DC Converter Stage This section steps down or regulates the incoming DC voltage to provide a stable rail for the RF amplifiers. It utilizes high-power MOSFETs or IGBTs. #### B. RF Power Amplifier (PA) The "Heart" of the unit. It converts DC power into high-frequency AC signals. * **Active Devices:** Usually LDMOS (Laterally Diffused Metal Oxide Semiconductor) transistors. * **Cooling:** Often requires liquid cooling or high-airflow heat sinks due to high power density. #### C. Control & Monitoring Logic * **Feedback Loops:** Monitors VSWR (Voltage Standing Wave Ratio) to protect the device from reflected power. * **Interface:** Uses digital or analog communication (e.g., RS-232, DeviceNet, or EtherCAT) to report status to the main system controller. --- ### 3. Technical Breakdown of the Part Suffixes The alphanumeric code often provides clues to the revision and configuration: * **M2PP:** Model series (often Medium Power/Plasma Power). * **94R:** Likely denotes the power rating or specific frequency band (e.g., 13.56 MHz or 400 kHz). * **R2:** Hardware Revision 2 (indicates engineering updates over the original design). * **N:** Often indicates a specific connector type (N-type RF connector) or a "Non-isolated" grounding configuration. --- ### 4. Critical Safety & Maintenance Because these components handle high-frequency energy: 1. **RF Shielding:** The metal housing acts as a Faraday cage to prevent Electromagnetic Interference (EMI). 2. **Impedance Matching:** This part must be paired with an appropriate "Match Network" to ensure maximum power transfer to the load. ```yaml # Maintenance Checklist Inspection: - Check for carbon tracking on RF connectors. - Verify integrity of cooling lines (if liquid-cooled). - Ensure all grounding straps are tightened to spec. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific operating frequency of the M2PP-94R-R2/N?
    • ⤷ Which manufacturers produce compatible replacements for this module?
    • ⤷ How do I troubleshoot a 'Reflected Power' error on this unit?