データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PRU-C7M-R/UL

  • AI
    The **M2PRU-C7M-R/UL** is a high-performance **Industrial Monitoring Relay** (specifically a 3-phase voltage monitoring relay) manufactured by **Mitsubishi Electric**. It is designed to protect electrical loads (like motors) by detecting power supply abnormalities. --- ### 1. Technical Specifications The following table outlines the core electronic and mechanical parameters of the device: | Feature | Specification | | :--- | :--- | | **Model Series** | MEライン (ME Line) | | **Monitored Parameter** | 3-Phase Voltage | | **Detection Functions** | Overvoltage, Undervoltage, Phase Sequence, Phase Loss | | **Rated Voltage (Un)** | AC 200V - 240V (Variable settings) | | **Frequency** | 50Hz / 60Hz (Auto-sensing) | | **Output Contact** | 1 Changeover (SPDT) | | **Mounting Type** | DIN Rail or Surface Mount | | **Certifications** | UL Listed, CE, RoHS | --- ### 2. Core Electronic Components & Functions The device operates using a combination of analog sensing and digital logic processing: * **Sensing Circuit:** Monitors the RMS voltage of all three phases. It utilizes a precision voltage divider and filtering circuit to distinguish between genuine faults and momentary noise. * **Time Delay Logic:** To prevent "nuisance tripping" (tripping due to minor, temporary spikes), the unit features integrated electronic timers. * **Control Relay:** An internal electromechanical relay provides the physical interface to the control circuit (e.g., cutting power to a motor contactor coil). * **LED Indicators:** * **Power (Green):** Indicates the unit is energized. * **Alarm (Red):** Indicates a fault condition (Specific blink patterns usually denote which fault occurred). --- ### 3. Fault Detection Capabilities The "C7M" variant is highly specialized in identifying four critical electrical issues: 1. **Overvoltage (OVR):** Protects insulation from breaking down if voltage exceeds the set threshold. 2. **Undervoltage (UVR):** Prevents motors from overheating or stalling due to insufficient voltage. 3. **Phase Sequence (NPR):** Ensures the motor rotates in the correct direction by checking the phase order (L1-L2-L3). 4. **Phase Loss (PLR):** Detects if one of the three wires is disconnected, which would otherwise cause a "single-phasing" motor failure. --- ### 4. Wiring Diagram Concept While specific terminal numbers should be verified via the manual, the standard logic is as follows: ```text Input (Sensing): L1 (R) ----| L2 (S) ----|--> Internal Monitoring Logic L3 (T) ----| Output (Control): 11 (Common) 12 (Normally Closed - Fault State) 14 (Normally Open - Healthy State) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you adjust the voltage threshold settings on the M2PRU-C7M-R/UL?
    • ⤷ What is the specific meaning of the LED blink patterns for this model?
    • ⤷ What is the difference between the -R and -UL suffixes in this part number?