データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PRU-C7N-R/Q

  • AI
    The **M2PRU-C7N-R/Q** is a high-performance power supply unit (PSU) module, typically utilized in server environments (such as Inspur systems) or industrial computing clusters. It is designed for high efficiency and redundancy. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Number** | M2PRU-C7N-R/Q | | **Power Output** | Typically 1200W - 1300W (depending on input voltage) | | **Form Factor** | CRPS (Common Redundant Power Supply) / Slimline | | **Efficiency Rating** | 80 PLUS Platinum or Titanium equivalent | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Output Rails** | Main +12V DC and +12Vsb (Standby) | --- ### 2. Core Electronic Components and Functions The internal circuitry of the M2PRU-C7N-R/Q is divided into several critical stages: #### A. Input Protection & EMI Filter * **MOV (Metal Oxide Varistor):** Protects the unit from high-voltage surges. * **Bridge Rectifier:** Converts AC input into pulsed DC. * **EMI/EMC Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Uses a high-frequency switching transistor (MOSFET/GaN) and a large inductor to ensure the input current is in phase with the voltage, maximizing energy efficiency. #### C. DC-DC Conversion Stage * **Main Transformer:** Provides galvanic isolation and steps down the high-voltage DC to the required +12V levels. * **Synchronous Rectification:** Uses MOSFETs instead of diodes on the secondary side to minimize heat loss and maximize efficiency. #### D. Control and Communication * **PMBus Interface:** Allows the server's motherboard to monitor real-time data such as power consumption, fan speed, and temperature. * **MCU (Microcontroller):** Manages the "Hot-Swap" logic and load-sharing protocols when paired with a second PSU. --- ### 3. Safety and Protection Features The module includes integrated integrated circuits (ICs) that monitor for the following conditions: * **OCP (Over-Current Protection):** Shuts down if the draw exceeds rated limits. * **OVP (Over-Voltage Protection):** Prevents damage to the server motherboard if the output voltage spikes. * **OTP (Over-Temperature Protection):** Features internal thermistors to trigger fan speed increases or emergency shutdowns. * **SCP (Short-Circuit Protection):** Instantaneous cutoff in case of a direct short. --- ### 4. Physical Interface The unit uses a "Golden Finger" edge connector. This interface carries: 1. **High-current 12V power pins.** 2. **Return (Ground) pins.** 3. **I2C/PMBus data lines** (SDA, SCL). 4. **Presence signals** (to notify the system the PSU is plugged in).
    ✨ Follow-up Questions
    • ⤷ What are the specific server models compatible with the M2PRU-C7N-R/Q?
    • ⤷ How does the PMBus protocol report power efficiency in this specific module?
    • ⤷ What is the pinout configuration for the M2PRU series edge connector?