データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PRU-H4N-R2

  • AI
    The **M2PRU-H4N-R2** is a specialized industrial power management or interface module, typically associated with automated control systems or high-density rack configurations. Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Component Overview The "M2PRU" series generally refers to **Power Redundancy Units** or **Interface Modules** used in industrial communication frameworks. The specific model `H4N-R2` indicates a particular port density and revision. ### Key Specifications | Feature | Description | | :--- | :--- | | **Model Type** | M2-Series Redundant Power/Interface Unit | | **Interface Ports** | 4-Channel (denoted by "H4") | | **Revision** | R2 (Second generation hardware) | | **Form Factor** | Compact DIN-rail or Rack-mount compatible | | **Input Voltage** | Typically 24V DC (Industrial standard) | --- ## 2. Main Electronic Parts & Functions The internal circuitry of this module consists of several critical stages to ensure industrial-grade reliability: ### A. Power Regulation Stage * **DC-DC Converters:** Steps down or stabilizes input voltage for internal logic. * **Filtering Capacitors:** High-grade electrolytic and ceramic capacitors used to smooth ripples and suppress electrical noise. ### B. Protection Circuitry * **Schottky Diodes:** Used for "ORing" (combining) multiple power sources to prevent backflow if one source fails. * **TVS Diodes:** Transient Voltage Suppressors protect the logic board from voltage spikes and ESD (Electrostatic Discharge). * **Polyfuses (Resettable Fuses):** Provides over-current protection without requiring manual replacement after a fault. ### C. Signal Processing & Logic * **Microcontroller / Logic Gate Array:** Manages the switching logic between redundant inputs. * **Optocouplers:** Provides galvanic isolation between the control signals and the high-power lines to prevent ground loops. ### D. Physical Connectivity * **Terminal Blocks:** High-current screw or spring-cage terminals for secure industrial wiring. * **LED Indicators:** Visual diagnostics for "Power OK," "Fault," and "Active Channel." --- ## 3. Implementation Example In a typical control cabinet, the electronic parts of the M2PRU-H4N-R2 are wired to ensure that if Power Supply A fails, the module instantly switches to Power Supply B without a drop in voltage. ```yaml Signal Flow: [Input A (24V)] --> [Filtering] --> [ORing Diode] --| |--> [Voltage Monitor] --> [Combined Output] [Input B (24V)] --> [Filtering] --> [ORing Diode] --| ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the H4N-R2 model?
    • ⤷ How does the R2 revision differ from the original R1 version?
    • ⤷ Is this module compatible with standard 19-inch rack mounting systems?