データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PRU-H4R-R

  • AI
    The **M2PRU-H4R-R** is a specific industrial interface module, typically associated with programmable controller systems or specialized I/O conversion hardware. Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Technical Specifications Overview The M2PRU-H4R-R is generally categorized as a **Remote I/O or Interface Converter**. It bridges signals between high-level controllers (like a PLC) and field devices. | Feature | Description | | :--- | :--- | | **Model Series** | M2 Series (Modular Interface) | | **I/O Type** | Pulse/Frequency to Analog/Relay (depending on configuration) | | **Mounting** | DIN Rail Mountable | | **Power Supply** | Typically 24V DC or Universal AC (Model specific) | | **Response Time** | High-speed processing for industrial pulses | --- ## 2. Key Electronic Components & Subsystems The internal architecture of the M2PRU-H4R-R consists of several critical electronic stages: ### A. Input Signal Conditioning * **Optoisolators:** Used to provide galvanic isolation between the field input and the internal logic. This protects the device from high-voltage spikes and ground loops. * **Schmitt Triggers:** Often used to clean up noisy square wave or pulse inputs, ensuring the internal processor counts pulses accurately. ### B. Processing Logic * **Microcontroller (MCU) / FPGA:** The "brain" of the unit. It performs the math required to convert frequency inputs into scaled analog values or to trigger relay outputs based on preset thresholds. * **EEPROM/Flash Memory:** Stores configuration parameters (such as scaling factors or communication addresses) so they are retained during power loss. ### C. Output Stage (The "H4R-R" Designation) The suffix often denotes the specific output configuration: * **Relay Contacts:** Typically includes mechanical or solid-state relays for alarm switching or control loops. * **DAC (Digital-to-Analog Converter):** If the unit provides a 4-20mA or 0-10V output, a high-precision DAC chip is used to translate the processed digital data back into an electrical signal. --- ## 3. Connection Pinout Example While specific wiring depends on the manufacturer (often M-System or similar industrial brands), a standard layout follows this logic: ```markdown Terminal | Function ---------|---------- 1 - 2 | Power Supply (L / N or + / -) 3 - 4 | Pulse Input (+) / (-) 5 - 6 | Analog Output / Relay Com 7 - 8 | Ground / Shield ``` --- ## 4. Operational Applications The electronic design is optimized for: 1. **Flow Metering:** Converting pulses from a flow sensor into a steady 4-20mA signal. 2. **Tachometer Functions:** Measuring motor RPM and triggering an alarm if the speed exceeds a limit. 3. **Signal Isolation:** Acting as a "buffer" to prevent field interference from reaching a central Control Room.
    ✨ Follow-up Questions
    • ⤷ What is the specific input frequency range supported by the M2PRU-H4R-R?
    • ⤷ How do you configure the scaling factors for this specific module?
    • ⤷ Does this model support Modbus or other digital communication protocols?