データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PRU-H4R-R2

  • AI
    The **M2PRU-H4R-R2** is a specialized electronic module, typically part of industrial automation or telecommunications power distribution systems. It is most commonly identified as a **Power Distribution Unit (PDU)** or a monitoring module within a rack-mount system. ### Core Technical Specifications The following table outlines the general characteristics of this specific series: | Feature | Specification | | :--- | :--- | | **Model Type** | Power Distribution/Monitoring Unit | | **Input Voltage** | Typically 48V DC (Standard for Telecom) | | **Mounting** | 19-inch or 23-inch Rack Mount | | **Redundancy** | Dual-feed (A and B inputs) | | **Connectivity** | RJ45 for management, Terminal blocks for power | --- ### Key Electronic Components and Functions #### 1. Power Distribution Circuitry The "H4R" designation often refers to the high-current handling capabilities. The internal PCB is designed with heavy copper traces to manage high amperage without significant heat generation. * **Busbars:** Heavy-duty internal bars that distribute the primary input to multiple output branches. * **Circuit Protection:** Likely contains hydraulic-magnetic breakers or fast-acting fuses to protect downstream equipment from overcurrent. #### 2. Monitoring & Intelligence (The "PRU" logic) As a **Power Reporting Unit (PRU)**, it contains a logic board equipped with: * **Microcontroller (MCU):** Manages the logic for alarm reporting and communication protocols (often SNMP or Modbus). * **Current Sensors:** Hall Effect sensors or Shunts used to measure real-time power draw on each branch. * **A/D Converters:** Converts analog voltage/current readings into digital data for the management interface. #### 3. Interface and Indicators * **LED Status Matrix:** Provides visual feedback on the health of the A and B power feeds. * **Dry Contact Alarms:** Relay-based outputs that trigger external sirens or notifications if a fuse blows or power is lost. * **Network Port:** An Ethernet interface (RJ45) allowing remote monitoring of power consumption. --- ### Component Breakdown by Role | Component | Function | | :--- | :--- | | **Capacitors** | Filter input noise and provide minor ride-through stability. | | **TVS Diodes** | Provide Transient Voltage Suppression to protect against surges. | | **Isolation Transformers** | Used in the communication circuitry to prevent ground loops. | | **Terminals** | High-torque screw terminals for secure DC cable attachment. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific alarm protocols supported by the M2PRU series?
    • ⤷ How do you configure the IP address for remote monitoring on this unit?
    • ⤷ What is the maximum current rating per channel for the H4R-R2 model?