データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C1Z-R2/N

  • AI
    The **M2PV-C1Z-R2/N** is a specific model identifier typically associated with an **Industrial Solid State Relay (SSR)** or a specialized **Power Controller/Timer Module**. This component is designed for precise control of electrical loads in automation environments. Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Regulator | | **Input Control Voltage** | Typically 4-32V DC or 90-250V AC (model dependent) | | **Rated Load Current** | Usually 25A to 40A | | **Output Voltage Range** | 24V - 480V AC (Standard Industrial Range) | | **Switching Type** | Zero-Cross Switching (to minimize EMI) | | **Isolation** | Opto-isolation between Input and Output | --- ### 2. Electronic Internal Architecture The device is composed of several critical electronic stages: #### A. Input Circuit (Control Side) * **Optocoupler:** Provides galvanic isolation (usually up to 2500V or 4000V) to protect the low-voltage control logic from high-voltage surges on the load side. * **Current Limiting Resistor:** Ensures the internal LED of the optocoupler operates within safe parameters. #### B. Control Logic & Zero-Cross Detection * **Zero-Cross Circuit:** A circuit that monitors the AC sine wave and only allows the device to turn ON when the voltage is near 0V. This prevents high inrush currents and reduces electromagnetic interference (EMI). #### C. Power Switching Element (Output Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the primary power components. SCRs are preferred for high-current industrial applications because they handle thermal stress better than TRIACs. * **Snubber Circuit (RC Network):** An internal Resistor-Capacitor network designed to protect the switching elements from high $dv/dt$ (voltage spikes) caused by inductive loads like motors or solenoids. --- ### 3. Application Use Cases This specific part is frequently used in the following scenarios: 1. **Heating Elements:** PID control for plastic extruders or industrial ovens. 2. **Motor Control:** Soft starting or cycling of small AC motors. 3. **Lighting Systems:** Managing large arrays of industrial LED or incandescent lighting. --- ### 4. Safety and Installation Notes * **Heat Dissipation:** Because SSRs generate heat (approx. 1.2 to 1.5 Watts per Ampere), this part must be mounted on a **Heat Sink** with thermal paste. * **Protection:** It is recommended to use a **Fast-Acting Fuse** (semiconductor fuse) to protect the internal SCRs from short circuits.
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random-Fire switching in these modules?
    • ⤷ How do I calculate the heat sink size required for a 20A load?
    • ⤷ What are the common failure modes for this type of electronic part?