データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C22-R2

  • AI
    The **M2PV-C22-R2** is a specific variant of an M.2 NVMe SSD enclosure, typically manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe drive into a portable high-speed external drive. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 (High-performance Bridge) | | **Output Interface** | USB 3.2 Gen 2 Type-C | | **Transmission Rate** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe) / SATA (Dual Protocol support in some versions) | | **Supported SSD Keys** | M-Key / B+M Key | | **Max Capacity** | 2TB - 4TB (Depending on firmware/OS) | --- ### 2. Key Electronic Components The internal PCB (Printed Circuit Board) of the M2PV-C22-R2 consists of several critical stages: #### A. The Bridge Controller (Realtek RTL9210) This is the "brain" of the device. It handles the translation between the **NVMe/PCIe** signals of the SSD and the **USB 3.2** signals of your computer. * **Power Management:** It includes built-in switching regulators to lower the 5V USB power to the 3.3V required by SSDs. * **UASP & TRIM:** Supports USB Attached SCSI Protocol (UASP) for faster data transfer and TRIM commands to maintain SSD longevity. #### B. Power Management Circuitry External SSDs rely entirely on the USB port for power. The M2PV-C22-R2 contains: * **Step-down Converters:** To convert 5V (USB) to a stable 3.3V for the M.2 slot. * **Protection Diodes:** To prevent damage from power surges or reverse polarity. #### C. Connectivity & Signal Integrity * **USB-C Connector:** A 24-pin physical interface that supports reversible insertion. * **Filtering Capacitors:** These smooth out voltage ripples, ensuring that the SSD doesn't crash during heavy read/write operations. --- ### 3. Thermal Design Because NVMe drives generate significant heat during 10Gbps transfers, the "electronic" design is complemented by physical heat dissipation: * **PCBA Thermal Pads:** Often placed between the controller chip and the aluminum casing. * **Aluminum Alloy Shell:** Acts as a giant heatsink to prevent the RTL9210 chip from thermal throttling. --- ### 4. Compatibility Table | SSD Size | Support Status | | :--- | :--- | | 2230 | Supported | | 2242 | Supported | | 2260 | Supported | | 2280 | Supported (Standard) | ---
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support both NVMe and SATA M.2 drives?
    • ⤷ What is the maximum real-world transfer speed of the RTL9210 chip?
    • ⤷ Is a firmware update necessary for this model to work with macOS?