データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C2S0-R2/N

  • AI
    The **M2PV-C2S0-R2/N** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is a breakdown of the electronic components and technical specifications that define this device. --- ### 1. Core Technical Specifications The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller (Bridge Chip)** | Realtek RTL9210 | | **Input Interface** | M-Key / B&M-Key (NVMe) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transfer Speed** | Up to 10Gbps | | **Supported Capacity** | Up to 2TB | | **UASP / Trim Support** | Yes | --- ### 2. Key Electronic Components #### A. The Bridge Controller (The Brain) The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates data between the NVMe (PCIe Gen3 x2) protocol and the USB 3.1 Gen2 protocol. * **Power Management:** It includes an integrated switching regulator. * **Firmware:** It supports firmware updates to improve compatibility with newer SSDs. #### B. Power Management Circuitry Since NVMe SSDs can be power-hungry (often requiring 3.3V at 1A-2A), the PCB includes: * **Step-down Converters (Buck Regulators):** These convert the 5V supplied by the USB port down to a stable 3.3V for the SSD. * **Over-current Protection (OCP):** Prevents damage to the host computer or the SSD in case of a short circuit. #### C. Connectivity and Signals * **USB-C Port:** A 24-pin physical interface that supports reversible connection. * **LED Indicator:** A small SMD (Surface Mount Device) LED that indicates power status (solid) and data transfer (flashing). --- ### 3. Physical & Thermal Design Because NVMe drives generate significant heat during high-speed transfers, the "parts" of this model include specific thermal management: 1. **Aluminum Alloy Chassis:** The outer shell acts as a passive heatsink. 2. **Thermal Pad:** A silicone-based conductive pad that bridges the gap between the SSD and the metal cover. 3. **Finned Design:** The "R2" variant often features a finned surface area on the top to increase heat dissipation. --- ### 4. Compatibility Requirements The electronic interface is strictly for **NVMe** drives. * **Supported:** M.2 NVMe (PCIe) SSDs. * **Not Supported:** M.2 SATA (NGFF) SSDs or mSATA SSDs. * **Sizes:** Supports 2230, 2242, 2260, and 2280 form factors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Realtek RTL9210 and the JMicron JMS583 controller?
    • ⤷ Does this enclosure support the PCIe 4.0 protocol speeds?
    • ⤷ How do I update the firmware on the M2PV-C2S0-R2/N?