データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C2SD-R/Q

  • AI
    The **M2PV-C2SD** (often associated with the ORICO series) is a high-performance **M.2 NVMe SSD Enclosure**. It is designed to bridge the gap between internal PCIe storage and external USB connectivity. Below is a breakdown of the electronic components and technical specifications that define this device. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Chipset** | Realtek RTL9210 / JMS583 (Commonly RTL9210) | | **Input Interface** | M-Key / B&M-Key (NVMe Protocol) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Speed** | Up to 10Gbps | | **Supported Capacity** | Up to 2TB | | **Cooling Mechanism** | Built-in Cooling Fan + Aluminum Alloy Fin Heat Sink | --- ### 2. Key Electronic Components #### A. The Bridge Controller (The "Brain") The heart of the device is the **Bridge Chip** (usually the **Realtek RTL9210**). * **Function:** It translates the PCIe/NVMe language into USB protocols. * **UASP & TRIM:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity. #### B. Power Management Integrated Circuit (PMIC) Since NVMe SSDs can be power-hungry, the PCB contains voltage regulators to step down the 5V provided by the USB port to the **3.3V** required by the M.2 drive. This ensures stable operation during heavy read/write cycles. #### C. Active Cooling System Unlike standard enclosures, the "PV" series features: * **Miniature DC Fan:** Provides active airflow to prevent "thermal throttling" (where the SSD slows down due to heat). * **Thermal Pad:** Conducts heat from the SSD chips directly to the aluminum alloy shell. #### D. The PCB Design * **Copper Pours:** Large areas of copper on the circuit board help dissipate heat. * **SMD Capacitors:** Surface-mount capacitors are used to filter electrical noise and provide "Power Loss Protection" (PLP) buffer for a fraction of a second during disconnects. --- ### 3. Structural & Functional Layout 1. **Aluminum Fin Cover:** Acts as a passive radiator. 2. **M.2 Slot:** Uses a standard M-Key connector. 3. **LED Indicator:** A small SMD LED on the PCB signals power status (solid) and data transfer (flashing). 4. **Auto-Sleep Feature:** The firmware on the controller chip is programmed to spin down the drive/fan after 10 minutes of inactivity to save energy and hardware life. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Realtek RTL9210 and JMicron JMS583 controllers?
    • ⤷ Does this enclosure support SATA-based M.2 drives or only NVMe?
    • ⤷ How does active fan cooling impact the power draw from a laptop USB port?