データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C30-R2

  • AI
    The **M2PV-C30-R2** is a high-performance M.2 NVMe SSD enclosure manufactured by ORICO. It is designed to convert an internal M.2 NVMe drive into a portable external storage device. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Internal Interface** | M.2 M-Key / B&M-Key | | **External Interface** | USB 3.1 Gen2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe) | | **Capacity Support** | Up to 2TB | --- ## 2. Key Electronic Components ### A. The Controller: Realtek RTL9210 The "brain" of the device is the **Realtek RTL9210**. This is a high-performance bridge chip that converts the PCIe signals from the SSD into USB signals for the computer. * **Low Power Consumption:** Features an integrated switching regulator for better thermal efficiency. * **UASP & Trim Support:** Enhances data transfer speeds and maintains SSD health over time. * **Firmware Upgradability:** Allows for bug fixes and compatibility updates. ### B. Thermal Management System Because NVMe drives generate significant heat during 10Gbps transfers, the M2PV-C30-R2 uses a multi-layered cooling design: 1. **Aluminum Alloy Shell:** Acts as a massive heat sink. 2. **Thermal Fin Design:** The "striped" surface increases the surface area for heat dissipation. 3. **PCBA Copper Bars:** The internal printed circuit board (PCB) often features copper strips to pull heat away from the controller and the SSD. ### C. Protection Circuitry * **Over-Current Protection:** Prevents the SSD from drawing too much power and damaging the USB port. * **Short-Circuit Protection:** Protects the internal data lanes in case of a hardware failure. * **ESD Protection:** Safeguards the Type-C port against static electricity when plugging/unplugging. --- ## 3. Compatibility Matrix The M2PV-C30-R2 is specifically designed for **NVMe** drives. It is electronically incompatible with older SATA-based M.2 drives. | Drive Type | Compatibility | Reason | | :--- | :---: | :--- | | **M.2 NVMe (M-Key)** | ✅ Yes | Native PCIe support via RTL9210 | | **M.2 NVMe (B&M Key)** | ✅ Yes | Supported via the physical socket design | | **M.2 SATA (NGFF)** | ❌ No | Controller does not support AHCI/SATA protocol | --- ## 4. Operational Logic When the device is connected, the following electronic sequence occurs: 1. **Power Handshake:** The USB Type-C controller negotiates power (typically 5V) from the host. 2. **Initialization:** The RTL9210 chip wakes up and polls the M.2 slot to identify the SSD. 3. **Bridge Link:** The chip translates NVMe commands into USB Mass Storage Class (MSC) or UASP commands. 4. **Sleep Mode:** If no data is accessed for 10 minutes, the electronic controller enters a "Smart Sleep" state to save power and reduce heat.
    ✨ Follow-up Questions
    • ⤷ How does the RTL9210 controller compare to the JMicron JMS583?
    • ⤷ Can I use this enclosure with a Thunderbolt 3 port?
    • ⤷ Does the M2PV-C30-R2 support double-sided NVMe drives?