データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C36-R2

  • AI
    The **M2PV-C36-R2** is a high-performance external NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe SSD into a portable USB-C storage device. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Controller Chipset** | Realtek RTL9210 | | **Input Interface** | M.2 M-Key / B+M Key | | **Output Interface** | USB 3.1 Gen 2 Type-C | | **Transmission Rate** | 10Gbps (Theoretical) | | **Supported Protocol** | NVMe (PCIe) | | **Capacity Support** | Up to 2TB | --- ## 2. Key Electronic Components ### A. The Controller: Realtek RTL9210 The "brain" of this enclosure is the **Realtek RTL9210** bridge chip. This is a highly integrated single-chip solution that translates PCIe signals into USB signals. * **Low Power Consumption:** It is known for having lower power draw and lower heat generation compared to older JMicron or ASMedia chips. * **UASP Support:** Supports USB Attached SCSI Protocol, which speeds up data transfer by allowing multiple commands to be processed simultaneously. * **TRIM Support:** Allows the OS to inform the SSD which blocks of data are no longer considered in use, extending the lifespan of the SSD. ### B. Power Management Circuitry Since NVMe SSDs can be power-hungry, the PCB (Printed Circuit Board) includes: * **Step-down Converters (Buck Regulators):** These convert the 5V input from the USB port down to the 3.3V required by the NVMe SSD. * **Protection Diodes:** These protect the internal drive from voltage spikes or reverse polarity. ### C. Thermal Management Hardware High-speed data transfer generates significant heat. The M2PV-C36-R2 utilizes: * **Aluminum Alloy Shell:** Acts as a massive heat sink. * **Copper Bars on PCB:** The circuit board often features "holed" copper traces to facilitate air circulation and heat dissipation from the bottom of the SSD. * **Thermal Pads:** Conductive silicone pads that bridge the physical gap between the SSD chips and the aluminum casing. --- ## 3. Physical Compatibility The electronic interface (M.2) is designed to accommodate various physical lengths of SSDs. The PCB contains mounting holes for the following sizes: 1. **2230** (30mm) 2. **2242** (42mm) 3. **2260** (60mm) 4. **2280** (80mm) - *Most Common* --- ## 4. Summary of Features * **Plug and Play:** No external drivers required for Windows, Mac, or Linux. * **Auto-Sleep:** The controller is programmed to put the SSD into sleep mode after 10 minutes of inactivity to save power and reduce wear. * **LED Indicator:** A built-in blue LED on the PCB monitors the working status (Solid: Standby / Flashing: Reading/Writing). ---
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA-based M.2 drives or only NVMe?
    • ⤷ What is the difference between the RTL9210 and the RTL9210B controller?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port?