データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PV-C3B-R/N

  • AI
    The **ORICO M2PV-C3B** is a high-performance M.2 NVMe SSD enclosure designed to convert internal SSDs into external portable storage devices. Below is a detailed breakdown of its electronic components and technical architecture. --- ## 1. Core Hardware Specifications The M2PV-C3B uses a bridge controller to translate between NVMe protocols and USB protocols. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Interface Protocol** | M.2 NVMe (PCIe Gen3 x2) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Rate** | 10Gbps (Theoretical) | | **Supported Capacities** | Up to 2TB | | **Form Factors** | 2230, 2242, 2260, 2280 | --- ## 2. Key Electronic Components ### A. The Bridge Chip (Realtek RTL9210) This is the "brain" of the device. The **RTL9210** is a high-performance bridge that converts the **PCIe 3.0 x2** interface of the NVMe drive to a **USB 3.1 Gen 2** interface. * **Power Management:** It features low power consumption and integrated switching regulators. * **Protocol Support:** It handles UASP (USB Attached SCSI Protocol) and TRIM commands, which are essential for maintaining SSD speed and longevity. ### B. PCB Architecture The Printed Circuit Board (PCB) includes several critical sub-systems: * **Voltage Regulation:** Converts the 5V supplied by the USB port down to 3.3V (standard for M.2 SSDs) using buck converters (LDO/DC-DC). * **Data Protection:** Features ESD (Electrostatic Discharge) protection components to prevent damage when plugging/unplugging. * **LED Indicator:** A small surface-mount LED that indicates power status (solid) and data transfer activity (flashing). ### C. Thermal Management Electronics High-speed NVMe drives generate significant heat. The enclosure uses: * **Copper Traces:** Thick copper layers on the PCB to help dissipate heat from the controller. * **Thermal Pads:** Conductive pads that bridge the gap between the electronic components (SSD/Controller) and the aluminum alloy shell. --- ## 3. Connectivity & Power ### Interface Pinout (M-Key) The internal slot is an **M-Key** connector, which provides the necessary lanes for PCIe data transmission. It does *not* support B-Key (SATA-based) M.2 drives. ### Power Delivery * **Bus Powered:** It draws power directly from the host USB port. * **Sleep Mode:** The firmware on the RTL9210 includes an auto-sleep function (usually after 10 minutes of inactivity) to reduce electronic wear and heat. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RTL9210 and the RTL9210B controller used in similar enclosures?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port?
    • ⤷ Does the M2PV-C3B support M.2 SATA SSDs?