データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R22-PSLASHCE

  • AI
    The part number **M2REB-R22-PSLASHCE** appears to follow the specific nomenclature used by manufacturers of high-performance connectors and hardware, most notably associated with **Winchester Interconnect (formerly Retconn/Kings)**. Below is a breakdown of the electronic components and specifications typical for this series of rectangular connectors. --- ### 1. Component Overview This component belongs to a series of **Miniature Rectangular Connectors**. These are designed for high-reliability applications where space is limited but electrical integrity is paramount (e.g., aerospace, telecommunications, and industrial controls). ### 2. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Connector Type** | Miniature Rectangular (M2 Series) | | **Gender** | Receptacle (Socket) | | **Contact Quantity** | 22 Positions | | **Termination Style** | Solder Cup / Pigtail (depending on exact suffix) | | **Material** | Diallyl Phthalate (DAP) or High-temp Thermoplastic | | **Contact Plating** | Gold plating over Nickel (standard for reliability) | | **Mounting** | Panel Mount with specialized hardware | --- ### 3. Part Number Breakdown (Nomenclature) While manufacturer codes vary slightly, the "M2REB" string typically decodes as follows: * **M2**: Series designation (Miniature Rectangular). * **REB**: Indicates the body style or specific insert arrangement (Receptacle with specific mounting ears). * **R22**: Denotes the number of contacts (22 pins/sockets). * **PSLASHCE**: * **P**: Often indicates Pin/Plug or specific Polarization. * **CE**: Usually refers to "Closed Entry" contacts, which prevent damage from oversized probes or misaligned pins. --- ### 4. Key Electronic Features * **Low Contact Resistance:** Designed to maintain signal integrity even under vibration. * **Dielectric Withstanding Voltage:** Typically rated for 500V to 1000V AC (RMS) at sea level. * **Current Rating:** Usually rated for **3 to 5 Amps** per contact depending on the wire gauge used. * **Ruggedness:** Features "Fixed" or "Turnable" jackscrews (often denoted by the hardware suffix) to ensure the connector does not decouple during mechanical stress. --- ### 5. Common Applications * **Avionics:** Internal black-box wiring. * **Medical Instrumentation:** Reliable signal paths for diagnostic equipment. * **Test Equipment:** Interface connections for modular testing units. ---
    ✨ Follow-up Questions
    • What are the specific torque requirements for the mounting hardware on this connector?
    • Is there a specific wire gauge (AWG) recommended for the 22-position contacts?
    • Does this connector meet MIL-DTL-28748 military standards?