データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R23-M2

  • AI
    The **M2REB-R23-M2** is a specialized electronic component, typically classified as a **high-precision, multi-turn rotary encoder** or a potentiometer assembly used in industrial control systems. These parts are designed to translate mechanical rotation into an electrical signal with high resolution. --- ### Technical Specifications Below are the general characteristics and technical parameters often associated with this specific model series: | Feature | Description | | :--- | :--- | | **Component Type** | Precision Potentiometer / Rotary Sensor | | **Turns** | Multi-turn (often 10-turn capability) | | **Resistance / Output** | Varies by sub-model (typically 1k to 10k ohms) | | **Mounting Style** | Panel Mount or PCB with leads | | **Housing Material** | Reinforced plastic or metal alloy for EMI shielding | | **Operating Life** | High cycle count (typically 1-2 million rotations) | --- ### Core Electronic Parts & Construction The "M2REB" series generally consists of the following internal electronic and mechanical assemblies: 1. **Resistive Element:** A wire-wound or conductive plastic track that provides the resistance value. 2. **Wiper Assembly:** A precious metal contact that slides along the resistive element to change the voltage output. 3. **Gear Reduction System:** Since it is a multi-turn component, it contains internal micro-gears that allow the wiper to travel the full length of the resistive element over multiple 360-degree rotations. 4. **Terminals:** Usually three pins (Input, Output/Wiper, and Ground) for analog signal processing. --- ### Common Applications The M2REB-R23-M2 is frequently used in environments requiring fine-tuning and high reliability: * **Industrial Automation:** Setting precise speed or tension parameters on conveyor belts. * **Medical Equipment:** Calibration controls for imaging or surgical tables. * **Avionics:** Control panel inputs where vibration resistance is critical. * **Test & Measurement:** Used as a variable reference in laboratory power supplies. --- ### Schematic Identification In an electrical circuit diagram, this part is represented as a **variable resistor** or **potentiometer**: ```text [Terminal 1: Input] | ________|________ | | | [Resistive] |----[Terminal 2: Wiper/Signal] | [Element] | |_________________| | [Terminal 3: GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R23 variant?
    • ⤷ Does this model use a conductive plastic or wire-wound element?
    • ⤷ What are the mechanical mounting dimensions for the M2 housing?