データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R23-R

  • AI
    ### Overview of the M2REB-R23-R The **M2REB-R23-R** is a specific model within the **M2 series** of industrial rotary encoders or sensors, typically manufactured by companies like **Nidec Copal Electronics** or specialized motion control vendors. This part is designed for high-precision feedback in automation and mechanical systems. --- ### Technical Specifications The model number can be broken down into specific electronic and mechanical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Magnetic Rotary Encoder | Uses magnetic fields to detect rotational position. | | **Output Type** | Incremental / Absolute | Provides specific pulse counts or position data. | | **Resolution** | 1024 - 4096 PPR | (Varies by sub-series) Pulses Per Revolution. | | **Voltage Supply** | 5V to 24V DC | Standard industrial operating voltage range. | | **Shaft Diameter** | 6mm - 10mm | Standardized fit for motor coupling. | | **Termination** | Radial Connector/Cable | The "-R" suffix often denotes a **Radial** exit or specific connector type. | --- ### Electronic Components & Functionality The internal circuitry of the M2REB-R23-R consists of several critical electronic stages: #### 1. Magnetic Sensing Element Instead of an optical disk, this part uses a **Hall Effect** or **Magnetoresistive (MR)** sensor. This makes the part highly resistant to dust, oil, and vibration, which would typically fail an optical encoder. #### 2. Signal Processing ASIC The raw magnetic signals are processed by an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Interpolation:** Increasing the resolution beyond the physical magnetic poles. * **Error Correction:** Compensating for temperature drift. #### 3. Output Driver Stage The output is usually configured as a **Push-Pull** or **Line Driver (RS-422)** circuit. This ensures the electronic signal can travel over long cables without significant noise interference. --- ### Key Applications * **Robotic Arms:** Monitoring joint angles and positioning. * **Medical Equipment:** Precision control in scanning or surgical tools. * **AGVs (Automated Guided Vehicles):** Wheel speed and steering feedback. * **Industrial Pumps:** Flow control via motor speed monitoring. --- ### Wiring Configuration (Standard) ```yaml Pin/Wire Color | Function | Description ---------------|---------------|----------------------- Red | Vcc | Positive Power Supply Black | GND | Ground White | Phase A | Primary Pulse Signal Green | Phase B | Secondary (Quadrature) Yellow | Phase Z | Index/Marker Pulse Shield | FG | Frame Ground (Noise Reduction) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2REB and standard optical encoders?
    • ⤷ What are the common failure modes for magnetic rotary encoders?
    • ⤷ How do I interface this encoder with an Arduino or PLC?