M2REB-R2D-RSLASHN
AI

Based on your query, the part number **M2REB-R2D-RSLASHN** refers to a specific configuration of a high-performance **Industrial Embedded PC** or **Single Board Computer (SBC)**, typically manufactured by companies specializing in industrial automation (such as **iBase** or similar IPC vendors).
Below is a breakdown of the electronic components and technical specifications associated with this hardware series.
---
### 1. Architectural Overview
This device is built around a low-power, high-efficiency system-on-chip (SoC) architecture, designed for 24/7 operation in harsh environments.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Processor (CPU)** | Intel® Celeron® or Atom® | Usually features a Dual or Quad-core SoC with low TDP. |
| **Memory (RAM)** | DDR3L / DDR4 SO-DIMM | Supports non-ECC unbuffered memory, typically up to 8GB or 16GB. |
| **Storage** | mSATA / SATA III | Integrated slots for Solid State Drives to ensure shock resistance. |
| **Graphics** | Intel® HD Graphics | Integrated engine supporting Dual Display output (HDMI/VGA/LVDS). |
---
### 2. Key Electronic Interfaces
The "R2D" and "RSLASHN" designations in industrial part numbers often signify specific I/O (Input/Output) configurations.
#### Connectivity Modules
* **Ethernet Controllers:** Usually dual Gigabit LAN ports (Intel i210/i211) for network redundancy.
* **Serial Ports:** RS-232/422/485 headers for communication with legacy industrial machinery.
* **Expansion Slots:** Mini-PCIe slots for Wi-Fi, Bluetooth, or 4G LTE modules.
#### Power Circuitry
* **Input Voltage:** Designed for wide-range DC input (typically 9V to 36V).
* **Protection:** Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) to prevent damage from power surges.
---
### 3. Physical & Environmental Attributes
Industrial parts like these are characterized by their ruggedized electronic assembly.
* **Passive Cooling:** Often utilizes a fanless design with large aluminum heatsinks to dissipate heat.
* **Solid Capacitors:** Uses industrial-grade capacitors which have a significantly longer lifespan than standard electrolytic capacitors.
* **Operating Temperature:** Rated to function between **-20°C to 70°C** (depending on the specific sub-model).
---
### 4. Typical Applications
1. **Digital Signage:** Driving high-resolution displays in public spaces.
2. **Industrial Gateway:** Acting as a bridge between factory floor sensors and the cloud.
3. **Edge Computing:** Processing data locally before sending it to a central server.
---
- ⤷
Is this part number for a complete system or just the motherboard PCB?
- ⤷ What are the specific power requirements for the R2D variant?
- ⤷ Which operating systems are compatible with this electronic architecture?