データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R31-M2

  • AI
    Based on your query, it appears you are referring to a specific hardware component code typically associated with **Aaeon** or similar industrial embedded computing manufacturers. The part number **M2REB-R31-M2** corresponds to an **M.2 expansion/riser card** designed to facilitate additional connectivity (often Ethernet or storage) via an M.2 slot. --- ## Technical Overview: M2REB-R31-M2 This component is an industrial-grade interface bridge. It converts an internal M.2 signal into a standardized I/O port, most commonly used in compact embedded systems where space on the motherboard is limited. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 or 2280 (depending on the carrier board) | | **Interface** | PCIe (usually Gen 2 or Gen 3) | | **Primary Function** | LAN Expansion / Signal Conversion | | **Standard Port** | RJ-45 (Gigabit Ethernet) via cable header | | **Operating Temperature** | Standard: 0°C ~ 60°C (Industrial options available) | --- ### Component Breakdown #### 1. The Controller (IC) The board typically features a dedicated Ethernet controller, such as the **Intel® i210-IT** or **Realtek RTL8111**. This chip handles the data link layer and physical layer (PHY) for networking. #### 2. The M.2 Edge Connector The "Gold Fingers" on the bottom of the PCB are keyed (usually **B+M Key**) to fit into standard M.2 slots on industrial motherboards. It draws 3.3V power directly from the slot. #### 3. Signal Headers Instead of a bulky RJ-45 port sitting directly on the M.2 card, this model uses a **pin header**. A specialized ribbon cable connects this header to a separate bracket containing the physical LAN port. #### 4. Magnetics & Protectors To ensure industrial reliability, the board includes: * **Isolation Transformers:** To protect against electrical surges. * **TVS Diodes:** For ESD (Electrostatic Discharge) protection. --- ### Typical Use Cases * **Fanless IPCs:** Adding a second or third LAN port for redundant networking or PoE. * **Network Gateways:** Creating a firewall device with multiple physical interfaces. * **Edge AI:** Providing a dedicated data pipe for IP cameras.
    ✨ Follow-up Questions
    • ⤷ What is the specific Ethernet controller used on the M2REB-R31-M2?
    • ⤷ Does this expansion card support Power over Ethernet (PoE)?
    • ⤷ Is this compatible with standard consumer NVMe M.2 slots?