データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R3C-R2/Q

  • AI
    Based on the part number provided, this appears to be a specific configuration for an **M2REB series** industrial interface module or sensor component, typically associated with brands like **Azbil (formerly Yamatake)** or similar automation manufacturers. These parts are generally used in industrial control systems for signal conversion, relaying, or as part of an electronic limit switch assembly. --- ### 1. Component Overview The **M2REB** series is characterized as a subminiature or specialized limit switch/relay unit designed for precision sensing and high-speed electrical switching. | Feature | Specification Details | | :--- | :--- | | **Series Type** | M2REB (Miniature Precision Series) | | **Housing Material** | Typically reinforced plastic or die-cast aluminum | | **Switching Mechanism** | Low-force electronic or reed-based switching | | **Connection Type** | Multi-pin connector or lead wire (varies by suffix) | | **Application** | Robot arms, semiconductor equipment, precision positioning | --- ### 2. Breakdown of the Part Suffixes In industrial nomenclature, each letter/number represents a specific electronic or physical trait: * **M2REB**: The base model identifier (Electronic Limit Switch or specialized relay). * **R3C**: Typically denotes the **Contact Configuration**. "C" often stands for SPDT (Single Pole Double Throw) or a specific gold-plated contact for low-current signals. * **R2**: Usually indicates the **Cable Length** or **Connector Type** (e.g., 2-meter cable or a specific R-series circular connector). * **Q**: Generally signifies a **Quick-connect** feature or a specific quality standard/certification (like specialized QC testing). --- ### 3. Electronic Characteristics These units are designed to interface directly with PLCs (Programmable Logic Controllers). #### Electrical Specifications ```yaml Rated_Voltage: 12V DC to 24V DC Current_Consumption: < 15mA (typical for electronic versions) Response_Time: < 1ms Insulation_Resistance: 100MΩ min (at 500V DC) Dielectric_Strength: 1,000V AC for 1 minute ``` ### 4. Typical Wiring Diagram (Conceptual) Most M2REB units utilize a 3-wire or 4-wire configuration: 1. **Brown/Red**: Positive Supply (+V) 2. **Blue/Black**: Common/Ground (0V) 3. **Black/White**: Control Output (NPN or PNP) --- ### 5. Installation and Safety * **Environmental Protection**: These parts are often rated IP67 (Dust-tight and water-resistant). * **Mounting**: Ensure the actuator travel does not exceed the "Over-travel" (OT) limit specified in the datasheet to prevent internal electronic damage.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can this unit be used in high-temperature environments?
    • ⤷ Is the output signal NPN or PNP for the R3C configuration?